Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW488ART Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFMW488ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW488ART Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFMW488ART Datasheet HTML 1Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 2Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 3Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 4Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 5Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 6Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 7Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 8Page - NICHIA CORPORATION NFMW488ART Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
NICHIA STS-DA1-4533B <Cat.No.170830>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
Nc5
IF=200mA
48.7
49.2
V
Hh
47.9
48.7
Hg
47.1
47.9
Mh
46.3
47.1
Mg
45.5
46.3
Lh
44.7
45.5
Lg
43.9
44.7
Kh
43.1
43.9
Kc6
42.5
43.1
Luminous Flux
Pf0119
IF=200mA
1190
1450
lm
Pf0118
1180
1440
Pf0115
1150
1410
Pf0112
1120
1360
Pf0111
1110
1350
Pf0109
1090
1330
Pf0108
1080
1320
Pf0107
1070
1310
Pf0103
1030
1250
Pf0100
1000
1220
Pf0099
990
1210
Pf0097
970
1190
Pf0095
950
1160
Pf0093
930
1140
Pf0091
910
1120
Pf0086
860
1050
Pf0081
810
990
Color Rendering Index
R70
Ra
IF=200mA
70
-
-
R8000
Ra
80
-
R9
0
-
R9050
Ra
90
-
R9
50
-
Color Ranks(IF=200mA)
The color ranks have chromaticity ranges within 3-step MacAdam ellipse.
Rank
sm203
Rank
sm223
Rank
sm253
Rank
sm273
Rank
sm303
Rank
sm353
Color Temperature
(Unit: K)
TCP
2000
2200
2500
2700
3000
3500
Center Point
x
0.5270
0.5018
0.4806
0.4578
0.4338
0.4073
y
0.4130
0.4153
0.4141
0.4101
0.4030
0.3917
Minor Axis
a
0.003978
0.004002
0.004029
0.004056
0.004107
0.004098
Major Axis
b
0.007062
0.007206
0.007515
0.007872
0.008391
0.008796
Ellipse Rotation Angle
Φ
-43.56
-39.89
-37.58
-36.05
-36.00
-35.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com