Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDH9GP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LDH9GP
Description  SMD epoxy package with silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDH9GP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LDH9GP Datasheet HTML 4Page - OSRAM GmbH LDH9GP Datasheet HTML 5Page - OSRAM GmbH LDH9GP Datasheet HTML 6Page - OSRAM GmbH LDH9GP Datasheet HTML 7Page - OSRAM GmbH LDH9GP Datasheet HTML 8Page - OSRAM GmbH LDH9GP Datasheet HTML 9Page - OSRAM GmbH LDH9GP Datasheet HTML 10Page - OSRAM GmbH LDH9GP Datasheet HTML 11Page - OSRAM GmbH LDH9GP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2017-04-03
8
Version 1.6 (not for new design)
LD H9GP
Forward Current 5) page 20 , 6) page 20
Durchlassstrom 5) Seite 20 , 6) Seite 20
IF = f (VF); TS = 25 °C
Relative Radiant Power 5) page 20 , 6) page 20
Relative Strahlungsleistung 5) Seite 20 , 6) Seite 20
ΦE/ΦE(350 mA) = f(IF); TS = 25 °C
Dominant Wavelength 5) page 20
Dominante Wellenlänge 5) Seite 20
Δλdom = f(IF); TS = 25 °C
LD H9GP
2,7
3,7
2,8
3,0
3,2
3,4
3,6
VF [V]
100
200
400
600
800
1000
IF [mA]
: deep blue
LD H9GP
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
e
Φ
e(350mA)
: deep blue
LD H9GP
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
-6
-4
-2
0
2
4
6
8
∆λ
dom [nm]
: deep blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com