Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW5KM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LTW5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTW5KM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LTW5KM Datasheet HTML 5Page - OSRAM GmbH LTW5KM Datasheet HTML 6Page - OSRAM GmbH LTW5KM Datasheet HTML 7Page - OSRAM GmbH LTW5KM Datasheet HTML 8Page - OSRAM GmbH LTW5KM Datasheet HTML 9Page - OSRAM GmbH LTW5KM Datasheet HTML 10Page - OSRAM GmbH LTW5KM Datasheet HTML 11Page - OSRAM GmbH LTW5KM Datasheet HTML 12Page - OSRAM GmbH LTW5KM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Nicht für Neuentwicklungen / Not for New Designs
LB W5KM, LD W5KM,
2009-11-13
9
Relative Vorwärtsspannung
2) Seite 18
Relative Forward Voltage
2) page 18
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA
Relativer Lichtstrom
2) Seite 18
Relative Luminous Flux
2) page 18
Φ
V/ΦV(25 °C) = f (Tj); IF = 350 mA
Relative Strahlungsleistung
2) Seite 18
Relative Randiant Power
2) page 18
Φ
E/ΦE(25 °C) = f (Tj); IF = 350 mA
OHL02671
Tj
-40
-0.1
-0.2
-0.3
0
0.1
-20
0
20 40
0.2
0.4
˚C
60
100
-60
V
VF
Δ
-60
0
-40 -20
0
20
V (25 ˚C)
Φ
V
˚C
60
40
Tj
100
OHL12584
0.2
0.4
0.6
0.8
1.0
1.4
true green
blue
Φ
-60
0
-40 -20
0
20
E (25 ˚C)
Φ
E
˚C
60
40
Tj
100
OHL22584
0.2
0.4
0.6
0.8
1.0
1.4
deep blue
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com