Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW51M Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LBW51M
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW51M Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LBW51M Datasheet HTML 9Page - OSRAM GmbH LBW51M Datasheet HTML 10Page - OSRAM GmbH LBW51M Datasheet HTML 11Page - OSRAM GmbH LBW51M Datasheet HTML 12Page - OSRAM GmbH LBW51M Datasheet HTML 13Page - OSRAM GmbH LBW51M Datasheet HTML 14Page - OSRAM GmbH LBW51M Datasheet HTML 15Page - OSRAM GmbH LBW51M Datasheet HTML 16Page - OSRAM GmbH LBW51M Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Vorläufige Daten / Preliminary Data
LB W51M, LD W51M, LT W51M
2009-06-16
13
Maßzeichnung
8) Seite 18
Package Outlines
8) page 18
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.35 g
Gurtung / Polarität und Lage
8) Seite 18
Verpackungseinheit 100/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 18
Packing unit 100/reel, ø180 mm
Anm.: Das Gehäuse ist für Ultraschallreinigung nicht geeignet
Note: Package not suitalbe for ultra sonic cleaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com