Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEATBS2W Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LEATBS2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBS2W Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LEATBS2W Datasheet HTML 4Page - OSRAM GmbH LEATBS2W Datasheet HTML 5Page - OSRAM GmbH LEATBS2W Datasheet HTML 6Page - OSRAM GmbH LEATBS2W Datasheet HTML 7Page - OSRAM GmbH LEATBS2W Datasheet HTML 8Page - OSRAM GmbH LEATBS2W Datasheet HTML 9Page - OSRAM GmbH LEATBS2W Datasheet HTML 10Page - OSRAM GmbH LEATBS2W Datasheet HTML 11Page - OSRAM GmbH LEATBS2W Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LE ATB S2W
2009-03-17
8
Durchlassstrom pro Chip
2) Seite 20
Forward Current per chip
2) page 20
I
F = f (VF); TA = 25 °C; amber
Relativer Lichtstrom
2) 7) Seite 20
Relative Luminous Flux
2) 7) page 20
Φ
VV(700 mA); TA = 25 °C; amber
Durchlassstrom pro Chip
2) Seite 20
Forward Current per chip
2) page 20
I
F = f (VF); TA = 25 °C; true green; blue
Relativer Lichtstrom
2) 7) Seite 20
Relative Luminous Flux
2) 7) page 20
Φ
VV(700 mA); TA = 25 °C; true green; blue
OHL02681
1.5
IF
VF
V
mA
10
1
3
10
5
5
10
2
1.7 1.9 2.1 2.3 2.5 2.7 2.9
3.3
2000
10
10
1
mA
2
10
I
F
3
OHL12619
V (700 mA)
V
5
V
Φ
V
Φ
10
1
10
-1
5
10
0
3.5
2
2.0
10
1
10
3.0
2.5
10
mA
4.5
4.0 V
5
5
VF
F
I
V (700 mA)
V
I
F
10
1
10
2
10
3
mA
5
5
OHL02613
Φ
Φ
0
10
-1
10
blue
true green
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com