Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRG5AP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LRG5AP
Description  white PLCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG5AP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LRG5AP Datasheet HTML 3Page - OSRAM GmbH LRG5AP Datasheet HTML 4Page - OSRAM GmbH LRG5AP Datasheet HTML 5Page - OSRAM GmbH LRG5AP Datasheet HTML 6Page - OSRAM GmbH LRG5AP Datasheet HTML 7Page - OSRAM GmbH LRG5AP Datasheet HTML 8Page - OSRAM GmbH LRG5AP Datasheet HTML 9Page - OSRAM GmbH LRG5AP Datasheet HTML 10Page - OSRAM GmbH LRG5AP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LR G5AP
2011-05-04
7
Relative Spectral Emission - V(
λ) = Standard eye response curve 2) page 20 , 1) page 20
Relative spektrale Emission - V(
λ) = spektrale Augenempfindlichkeit 2) Seite 20 , 1) Seite 20
I
rel = f (λ); TS = 25 °C; IF = 100 mA
Radiation Characteristics 2) page 20
Abstrahlcharakteristik 2) Seite 20
I
rel = f (ϕ); TS = 25 °C
400
450
500
550
600
650
700
λ[nm]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Φrel
: Vλ
OHL03691
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com