Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4516 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4516
Description  UL version available
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4516 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4516 Datasheet HTML 1Page - OSRAM GmbH SFH4516 Datasheet HTML 2Page - OSRAM GmbH SFH4516 Datasheet HTML 3Page - OSRAM GmbH SFH4516 Datasheet HTML 4Page - OSRAM GmbH SFH4516 Datasheet HTML 5Page - OSRAM GmbH SFH4516 Datasheet HTML 6Page - OSRAM GmbH SFH4516 Datasheet HTML 7Page - OSRAM GmbH SFH4516 Datasheet HTML 8Page - OSRAM GmbH SFH4516 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2011-03-14
1
DRAFT – For Reference only.
Subject to change.
2011-03-14
GaAs Infrared Emitters
GaAs-IR-Lumineszenzdioden
Version 1.0
SFH 4516
Features:
Besondere Merkmale:
• Good spectral match with silicon photodetectors
• Gute spektrale Anpassung an Si-Fotoempfänger
• UL version available
• UL Version erhältlich
• High reliability
• Hohe Zuverlässigkeit
• Very highly efficient GaAs-LED
• UL Version erhältlich
Applications
Anwendungen
• IR remote control of hi-fi and TV-sets, video tape
recorders, dimmers
• IR-Fernsteuerung von Fernseh-, Rundfunk- und
Videogeräten, Lichtdimmern
• Smoke detectors
• Rauchmelder
• Discrete interrupters
• Diskrete Lichtschranken
• Remote control
• Gerätefernsteuerung
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4516

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4510 SIEMENS-SFH4510 Datasheet
58Kb / 6P
GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510 Datasheet
77Kb / 7P
GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
Spectral match with silicon photodetectors
More results

Similar Description - SFH4516

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
AQO2520 AURIS-AQO2520 Datasheet
306Kb / 1P
Low supply voltage version available
logo
List of Unclassifed Man...
BCN164A102J7 ETC2-BCN164A102J7 Datasheet
762Kb / 11P
Sulphur resistant version available
logo
American Zettler, Inc.
AZ2150W AZETTLER-AZ2150W Datasheet
441Kb / 2P
High dielectric strength version available
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
Epoxy sealed version available
logo
OSRAM GmbH
LEDGUARDIANSL302 OSRAM-LEDGUARDIANSL302 Datasheet
108Kb / 3P
Available color version: orange LEDs, red LEDs
logo
TT Electronics.
ZEROHM TTELEC-ZEROHM Datasheet
283Kb / 1P
MIL version available under DESC dwg 87009
logo
PHOENIX CONTACT
DEK-OE-60DC PHOENIX-DEK-OE-60DC Datasheet
96Kb / 7P
Actuator version available
DEK-OE-230AC PHOENIX-DEK-OE-230AC Datasheet
68Kb / 4P
Actuator version available
logo
Bel Fuse Inc.
0RQ1-C5W24M BEL-0RQ1-C5W24M Datasheet
657Kb / 14P
Approved to UL/CSA60950-1, 2nd A2 version(TBD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com