Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6264B Datasheet(PDF) 6 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264B
Description  STANDARD 5K X 8 SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264B Datasheet(HTML) 6 Page - Zentrum Mikroelektronik Dresden AG

  U6264B Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
April 20, 2004
U6264B
Test Configuration for Functional Check
VIH
VIL
VSS
VCC
5 V
960
510
30 pFe
VO
e In measurement of tdis(E), tdis(W), tdis(G) the capacitance is 5 pF.
All pins not under test must be connected with ground by capacitors.
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
E1
E2
W
G
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Capacitance
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC = 5.0 V
VI = VSS
CI
8pF
Output Capacitance
f
= 1 MHz
Ta = 25 °C
CO
10
pF
Date of manufacture
(The first 2 digits indicating
the year, and the last 2
digits the calendar week.)
Leadfree Green Package
Product specification
Assembly location and
trace code
Internal Code
Ordering Code
Device Marking (example)
ZMD
U6264BS2K
07LL C 0425
1 ZZ
G1
Access Time
07 = 70 ns
LL
S2
07
K
U6264B
Type
Package
D = PDIP28 (600 mil, only C/K-Type)
S = SOP28 (330 mil) Type 1
S2 = SOP28 (330 mil) Type 2
Operating Temperature Range
C =
0 to 70 °C
K = -40 to 85 °C
A = -40 to 125 °C
Leadfree Option
blank = Standard Package
G1
= Leadfree Green Package f
Power Consumption
blank = Standard (only A-Type)
LL
= Very Low Power (C/K-Type)
f on special request
Example



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com