Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC35-R12K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AC35-R12K-RC
Description  Axial Coated Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC35-R12K-RC Datasheet(HTML) 1 Page - Allied Components International

  AC35-R12K-RC Datasheet HTML 1Page - Allied Components International AC35-R12K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.10
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
Axial Coated Inductors
AC35
Features
• Incorporation of a special lead wire
structure entirely eliminates defects
inherent in existing axial lead type
products and prevents lead breakage.
• The special magnetic core structure
permits the product to have reduced
size, high "Q" and self resonant
frequencies.
• Treated with epoxy resin coating for
humidity resistance to ensure longer
life.
• Heat resistant adhesives and special
structural design for effective open
circuit measurement.
Electrical
Inductance Range: .10µh to 1000µh.
Tolerance: 10% over entire range. Tighter
tolerances available
Temp. Rise: 20°C.
Ambient Temp.: 80°C.
Rated Temp Range: -55° to +125°C.
Rated Current: Based on the inductance
Mechanical
Terminal Tensile Strength: 0.9 kg min.
Terminal Bending Strength: .3 kg min.
Physical
Marking (on reel): Manufacturers name,
Part number, Quantity,
Marking: 4 band color code.
Packaging:
Allied
Part
Number
Inductance
(µH)
Tolerance
(%)
Q
Min
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max
(Ω)
Rated
Current
(mA)
NOMINAL
0.160
(4.07)
MAX.
0.375
(9.53)
MAX.
Dimensions:
Inches
(mm)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
1.15
(29)
Revised 02/06/2017
3000pcs per Ammo Pack.
5000pcs per Tape & Reel.
AC35-R10K-RC-__*
AC35-R12K-RC-__*
AC35-R15K-RC-__*
AC35-R18K-RC-__*
AC35-R22K-RC-__*
AC35-R27K-RC-__*
AC35-R33K-RC-__*
AC35-R39K-RC-__*
AC35-R47K-RC-__*
AC35-R56K-RC-__*
AC35-R68K-RC-__*
AC35-R82K-RC-__*
AC35-1R0K-RC-__*
AC35-1R2K-RC-__*
AC35-1R5K-RC-__*
AC35-1R8K-RC-__*
AC35-2R2K-RC-__*
AC35-2R7K-RC-__*
AC35-3R3K-RC-__*
AC35-3R9K-RC-__*
AC35-4R7K-RC-__*
AC35-5R6K-RC-__*
AC35-6R8K-RC-__*
AC35-8R2K-RC-__*
AC35-100K-RC-__*
AC35-120K-RC-__*
AC35-150K-RC-__*
AC35-180K-RC-__*
AC35-220K-RC-__*
AC35-270K-RC-__*
AC35-330K-RC-__*
AC35-390K-RC-__*
AC35-470K-RC-__*
AC35-560K-RC-__*
AC35-680K-RC-__*
AC35-820K-RC-__*
AC35-101K-RC-__*
AC35-121K-RC-__*
AC35-151K-RC-__*
AC35-181K-RC-__*
AC35-221K-RC-__*
AC35-271K-RC-__*
AC35-331K-RC-__*
AC35-391K-RC-__*
AC35-471K-RC-__*
AC35-561K-RC-__*
AC35-681K-RC-__*
AC35-821K-RC-__*
AC35-102K-RC-__*
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
40
40
40
04
25
25
25
25
25
25
25
45
45
50
50
55
55
60
65
65
70
70
75
80
85
75
70
65
60
55
55
50
45
40
40
35
30
70
70
70
70
65
65
65
60
60
55
55
50
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
400
400
400
400
380
340
300
280
250
230
210
172
157
144
131
121
110
100
94
86
80
74
68
53
45
34
20
14
9.9
9.8
9.5
9.5
9.4
9.3
9.2
9.2
9.0
6.5
6.3
6
4.7
4.5
4.4
4
3.2
3
1.95
1.85
1.4
0.06
0.06
0.07
0.07
0.21
0.24
0.28
0.32
0.36
0.41
0.47
0.17
0.19
0.21
0.23
0.25
0.28
0.30
0.34
0.37
0.39
0.43
0.48
0.52
0.58
0.63
0.72
0.77
0.80
0.94
1.03
1.12
1.22
1.34
1.47
1.62
1.80
3.70
4.20
4.60
5.10
5.80
6.40
7.00
7.70
8.50
9.40
10.5
14.0
1360
1280
1200
1120
880
800
750
680
650
600
550
980
920
880
830
790
750
720
670
640
620
590
550
530
500
480
460
430
410
390
370
350
340
320
305
290
275
185
175
165
155
145
137
133
126
120
113
100
100
22AWG
NOMINAL
1.15
(29)
change within 10% of initial value.


Similar Part No. - AC35-R12K-RC

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC350 INTRONICS-AC350 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
AC350S-120 INTRONICS-AC350S-120 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
AC350S-150 INTRONICS-AC350S-150 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
AC350S-240 INTRONICS-AC350S-240 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
AC350S-360 INTRONICS-AC350S-360 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
More results

Similar Description - AC35-R12K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC10-R10M-RC ALLIED-AC10-R10M-RC_10 Datasheet
885Kb / 1P
Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com