Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4430GL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ4430GL
Description  36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4430GL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ4430GL Datasheet HTML 17Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 18Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 19Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 20Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 21Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 22Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 23Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 24Page - Monolithic Power Systems MPQ4430GL Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MPQ4430
– 36V, 3.5A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ4430 Rev. 1.0
www.MonolithicPower.com
21
3/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BST Refresh
To improve dropout, the MPQ4430 is designed
to operate at close to 100% duty cycle for as
long as the BST to SW voltage is greater than
2.5V. When the voltage from BST to SW drops
below 2.5V, the HS-FET is turned off using a
UVLO circuit, which forces the LS-FET on to
refresh the charge on the BST capacitor.
Since the supply current sourced from the BST
capacitor is low, the HS-FET can remain on for
more switching cycles than are required to
refresh the capacitor, making the effective duty
cycle of the switching regulator high.
The effective duty cycle during the dropout of
the regulator is mainly influenced by the voltage
drops across the HS-FET, LS-FET, inductor
resistance, and printed circuit board resistance.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from running away thermally. When the
silicon die temperature exceeds its upper
threshold, the power MOSFETs shut down.
When the temperature drops below its lower
threshold, the chip is enabled again.
Start-Up and Shutdown
If both VIN and EN exceed their appropriate
thresholds, the chip starts up. The reference
block starts first, generating a stable reference
voltage and current, and then the internal
regulator is enabled. The regulator provides a
stable supply for the rest of the circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET off for about
50µs to blank start-up glitches. When the soft-
start block is enabled, it first holds its SS output
low to ensure that the rest of the circuitries are
ready and slowly ramps up.
Three events can shut down the chip: VIN low,
EN low, and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. VCOMP
and the internal supply rail are then pulled down.
The floating driver is not subject to this
shutdown command, but its charging path is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com