Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE80-R70M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AE80-R70M-RC
Description  Axial Epoxy Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AE80-R70M-RC Datasheet(HTML) 1 Page - Allied Components International

  AE80-R70M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AE80 Series
Axial Epoxy Inductors
Allied
Part
Number
Incremental
Current
Inductance
(
µh)
Q
Q
Test Freq
DCR
Current
Rating
(A) Max
AE80-R70M-RC
0.7
20
7.9
0.010
All specifications subject to change without notice.
1.15 NOMINAL
1.15 NOMINAL
22AWG/TCW
0.500
(12.7)
MAX.
0.175
(4.445)
MAX.
Dimensions:
Inches
(mm)
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Features
• High Current Capacity
Electrical
Test Equipment
Physical
Packaging: 3K per Tape and Reel, Ammo
Inductance Range: 0.7µh to 10,000µh
Tolerance: K=10%, M=20%
Test Frequency for (L):
Operating Temp: -55ºC ~ +125ºC
(L):
HP 4284A LCR Meter or equivalent
DCR:
HP4263B Current Source and DCR Meter
Marking:
4 Band EIA Color Code
Available in tighter tolerances.
• Expanded operating temp range
• Low DC Resistance
Current Rating:
Based on a 40% temp rise
• Available on Tape and Reel, Ammo Pack,
IDC:
11021 Current Source and DCR Meter
01/12/2016
7.00
(29.21)
(29.21)
0.7uh @ 1Mhz
1.0uh to 1000uh @ 1Khz
1200uh to 10000uh @ 1Khz
Mhz
(Ohms)
Max
Min
AE80-1R0K-RC
1.0
20
7.9
0.013
4.1
5.50
AE80-1R2K-RC
1.2
20
7.9
0.018
3.8
4.69
AE80-1R5K-RC
1.5
20
7.9
0.020
3.5
4.45
AE80-1R8K-RC
1.8
20
7.9
0.021
3.2
4.34
AE80-2R2K-RC
2.2
20
7.9
0.029
2.8
3.70
AE80-2R7K-RC
2.7
20
7.9
0.034
2.5
3.41
AE80-3R3K-RC
3.3
20
7.9
0.038
2.4
3.23
AE80-3R9K-RC
3.9
20
7.9
0.042
2.2
3.07
AE80-4R7K-RC
4.7
20
7.9
0.047
2.0
2.90
AE80-5R6K-RC
5.6
20
7.9
0.051
1.8
2.79
AE80-6R8K-RC
6.8
20
7.9
0.058
1.7
2.61
AE80-8R2K-RC
8.2
20
7.9
0.063
1.5
2.51
AE80-100K-RC
10
25
2.5
0.071
1.4
2.36
AE80-120K-RC
12
25
2.5
0.084
1.3
2.24
AE80-150K-RC
15
25
2.5
0.089
1.2
2.11
AE80-180K-RC
18
25
2.5
0.119
1.1
1.82
AE80-220K-RC
22
25
2.5
0.152
1.02
1.61
AE80-270K-RC
27
25
2.5
0.179
0.85
1.48
AE80-330K-RC
33
25
2.5
0.222
0.88
1.33
AE80-390K-RC
39
25
2.5
0.315
0.80
1.12
AE80-470K-RC
47
25
2.5
0.362
0.74
1.04
AE80-560K-RC
56
25
2.5
0.397
0.68
1.00
AE80-680K-RC
68
25
2.5
0.418
0.62
0.97
AE80-820K-RC
82
25
2.5
0.604
0.56
0.81
AE90-101K-RC
100
35
0.79
0.672
0.50
0.76
AE80-121K-RC
120
35
0.79
0.735
0.45
0.73
AE80-151K-RC
150
35
0.79
0.998
0.40
0.63
AE80-181K-RC
180
35
0.79
1.370
0.35
0.53
AE80-221K-RC
220
35
0.79
1.580
0.32
0.50
AE80-271K-RC
270
35
0.79
1.770
0.30
0.47
AE80-331K-RC
330
35
0.79
2.510
0.28
0.39
AE80-391K-RC
390
35
0.79
2.730
0.26
0.38
AE80-471K-RC
470
35
0.79
3.250
0.24
0.35
AE80-561K-RC
560
35
0.79
3.750
0.23
0.33
AE80-681K-RC
680
35
0.79
4.310
0.20
0.30
AE80-821K-RC
820
35
0.79
6.040
0.17
0.26
at 85ºC ambient.
7.0
AE80-102K-RC
1000
40
0.25
6.900
0.15
0.24
AE80-122K-RC
1200
40
0.25
9.00
0.087
0.15
AE80-152K-RC
1500
40
0.25
12.00
0.078
0.13
AE80-182K-RC
1800
40
0.25
14.00
0.071
0.12
AE80-222K-RC
2200
40
0.25
19.00
0.064
0.10
AE80-272K-RC
2700
40
0.25
25.00
0.058
0.090
AE80-332K-RC
3300
40
0.25
29.00
0.052
0.083
AE80-392K-RC
3900
40
0.25
34.00
0.048
0.077
AE80-472K-RC
4700
40
0.25
37.00
0.044
0.074
AE80-562K-RC
5600
40
0.25
50.00
0.040
0.063
AE80-682K-RC
6800
40
0.25
58.00
0.036
0.059
AE80-822K-RC
8200
40
0.25
68.00
0.033
0.054
AE80-103K-RC
10000
40
0.079
75.00
0.030
0.052
(A)
Incremental Current: The current at which the
inductance will decrease by a maximum of 5%
from its initial value with no current.
(Q):
HP4342 Q Meter
or Bulk.
Pack, Bulk 500/bag.


Similar Description - AE80-R70M-RC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46 Datasheet
122Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
logo
Allied Components Inter...
AE90 ALLIED-AE90 Datasheet
561Kb / 1P
Axial Epoxy Inductors
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com