Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4432GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4432GL
Description  36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4432GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4432GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 7Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 8Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MPQ4432
36V, 2.2A, Low Quiescent Current,
Synchronous, Step-Down Converter
AEC-Q100 Qualified
MPQ4432 Rev. 1.0
www.MonolithicPower.com
1
9/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MPQ4432 is a synchronous, step-down,
switching
regulator
with
programmable
frequency (350kHz to 2.5MHz) and integrated,
internal,
high-side
and
low-side
power
MOSFETs. The MPQ4432 provides up to 2.2A
of highly efficient output current with current
mode control for fast loop response.
The
wide
3.3V
to
36V
input
range
accommodates
a
variety
of
step-down
applications in automotive input environments.
The MPQ4432 is ideal for battery-powered
applications due to its extremely low quiescent
current.
The
MPQ4432
employs
advanced
asynchronous mode (AAM) to achieve high
efficiency in light-load condition by scaling down
the switching frequency to reduce switching and
gate driving losses.
Standard features include soft start, external
clock
synchronization,
enable
control,
and
power good indication. High-duty cycle and low
dropout mode are provided for automotive cold-
crank.
Over-current
protection
(OCP)
with
valley-
current detection is employed to prevent the
inductor current from running away. Hiccup
mode reduces the average current greatly in
short-circuit
condition.
Thermal
shutdown
provides reliable and fault-tolerant operation.
The MPQ4432 is available in a QFN-16
(3mmx4mm) package.
FEATURES
 Wide 3.3V to 36V Operating Input Range
 2.2A Continuous Output Current
 1μA Low Shutdown Mode Current
 10μA Sleep Mode Quiescent Current
 Internal 90mΩ High-Side and 40mΩ Low-
Side MOSFETs
 350kHz to 2.5MHz Programmable Switching
Frequency
 Fixed Output Options: 3.3V, 3.8V, 5V
 Synchronize to External Clock, Selectable
In-Phase or 180° Out-of-Phase
 Power Good Indicator
 Programmable Soft-Start Time
 80ns Minimum On Time
 Selectable Forced CCM or AAM
 Low Dropout Mode
 Over-Current Protection (OCP) with Valley-
Current Detection and Hiccup
 Available in a QFN-16 (3mmx4mm)
Package
 Available in Wettable Flank
 Available in AECQ-100 Grade-1
APPLICATIONS
 Automotive Systems
 Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MPQ4432GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GL MPS-MPQ4430GL Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GL-AEC1 MPS-MPQ4430GL-AEC1 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GLE-AEC1 MPS-MPQ4430GLE-AEC1 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4432GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com