Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4433 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ4433
Description  36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4433 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ4433 Datasheet HTML 17Page - Monolithic Power Systems MPQ4433 Datasheet HTML 18Page - Monolithic Power Systems MPQ4433 Datasheet HTML 19Page - Monolithic Power Systems MPQ4433 Datasheet HTML 20Page - Monolithic Power Systems MPQ4433 Datasheet HTML 21Page - Monolithic Power Systems MPQ4433 Datasheet HTML 22Page - Monolithic Power Systems MPQ4433 Datasheet HTML 23Page - Monolithic Power Systems MPQ4433 Datasheet HTML 24Page - Monolithic Power Systems MPQ4433 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MPQ4433 - 36V, 3A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4433 Rev. 1.0
www.MonolithicPower.com
21
9/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Soft Start (SS)
Soft
start
is implemented to prevent the
converter output voltage from overshooting
during start-up.
When the chip starts up, an internal current
source begins charging the external soft-start
capacitor. When the soft-start voltage (VSS) is
lower than the internal reference (VREF), VSS
overrides VREF, so the error amplifier uses VSS
as the reference. When VSS is higher than VREF,
the error amplifier uses VREF as the reference.
The soft-start time (tSS) set by the external SS
capacitor can be calculated with Equation (2):
SS
REF
SS
SS
C (nF) V
(V)
t (ms)
I ( A)
(2)
Where CSS is the external SS capacitor, VREF =
0.8V, and ISS is the internal 10μA SS charge
current.
SS can be used for tracking and sequencing.
Pre-Bias Start-Up
At start-up, if VFB is higher than VSS (the output
has a pre-bias voltage), neither the HS-FET or
LS-FET turn on until VSS is higher than VFB.
Over-Current Protection (OCP) and Hiccup
The MPQ4433 has cycle-by-cycle peak current
limit protection with valley-current detection and
hiccup mode.
The
power
MOSFET
current
is
sensed
accurately via a current sense MOSFET. The
current is then fed to the high-speed current
comparator for current-mode control purposes.
During the HS-FET on-state, if the sensed
current exceeds the peak current limit value set
by the COMP high-clamp voltage, the HS-FET
turns off immediately. Then the LS-FET turns
on to discharge the energy, and the inductor
current decreases. The HS-FET remains off
unless the inductor valley current is lower than
a certain current threshold (the valley current
limit), even though the internal clock pulses
high.
If the inductor current does not drop below the
valley current limit when the internal clock
pulses high, the HS-FET misses the clock, and
the switching frequency decreases to half the
nominal value. Both the peak and valley current
limits keep the inductor current from running
away
during
an
overload
or
short-circuit
condition.
When the output is shorted to ground, the
output voltage drops below 50% of its nominal
output. Meanwhile, the peak current limit is
kicked, and the device considers this to be an
output dead short and triggers hiccup mode
immediately to restart the part periodically.
In hiccup mode, the MPQ4433 disables its
output power stage and slowly discharges the
soft-start capacitor. The MPQ4433 restarts with
a full soft start when the soft-start capacitor is
fully discharged. If the short-circuit condition still
remains after the soft-start ends, the device
repeats this operation until the fault is removed
and the output returns to the regulation level.
This protection mode reduces the average
short-circuit current greatly to alleviate thermal
issues and protect the regulator.
Floating Driver and Bootstrap Charging
A 0.1
μF to 1μF external bootstrap capacitor
powers the floating power MOSFET driver. The
floating driver has its own UVLO protection with
a rising threshold of 2.5V and a hysteresis of
200mV.
The bootstrap capacitor voltage is charged to
~5V from VCC through a PMOS pass transistor
when the LS-FET is on.
At high duty cycle operation or sleep-mode
condition, the time period available to the
bootstrap charging is less, so the bootstrap
capacitor may not be charged sufficiently. In
case
the
external
circuit
does
not
have
sufficient
voltage
or
time
to
charge
the
bootstrap capacitor, extra external circuitry can
be used to ensure that the bootstrap voltage in
the normal operation region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com