Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC20-R27K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MC20-R27K-RC
Description  Molded Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MC20-R27K-RC Datasheet(HTML) 1 Page - Allied Components International

  MC20-R27K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Molded Chip Inductors
MC20
MC20-R12K-RC
.12
10
30
500
0.22
450
MC20-R15K-RC
.15
10
30
450
0.25
450
MC20-R18K-RC
.18
10
30
400
0.28
450
MC20-R22K-RC
.22
10
30
350
0.32
450
MC20-R27K-RC
.27
10
30
320
0.36
450
MC20-R33K-RC
.33
10
30
300
0.40
450
MC20-R39K-RC
.39
10
30
250
0.45
450
MC20-R47K-RC
.47
10
30
220
0.50
450
MC20-R56K-RC
.56
10
30
180
0.55
450
MC20-R68K-RC
.68
10
30
160
0.60
450
MC20-R82K-RC
.82
10
30
140
0.65
450
MC20-1R0K-RC
1.0
10
30
120
0.70
400
MC20-1R2K-RC
1.2
10
30
100
0.75
390
MC20-1R5K-RC
1.5
10
30
7.96
85
0.85
370
MC20-1R8K-RC
1.8
10
30
7.96
80
0.90
350
MC20-2R2K-RC
2.2
10
30
7.96
75
1.0
320
MC20-2R7K-RC
2.7
10
30
7.96
70
1.1
290
MC20-3R3K-RC
3.3
10
30
7.96
60
1.2
260
MC20-3R9K-RC
3.9
10
30
7.96
55
1.3
250
MC20-4R7K-RC
4.7
10
30
7.96
50
1.5
220
MC20-5R6K-RC
5.6
10
30
7.96
45
1.6
200
MC20-6R8K-RC
6.8
10
30
7.96
40
1.8
180
MC20-8R2K-RC
8.2
10
30
7.96
35
2.0
170
MC20-100K-RC
10
10
30
2.52
30
2.1
150
Available in tighter tolerances.
Allied
Part
Number
IDC
(mA)
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
All specifications subject to change without notice.
Dimensions:
Inches
(mm)
REVISED 03/01/2016
MC20-120K-RC
12
10
30
2.52
20
2.5
140
MC20-150K-RC
15
10
30
2.52
20
2.8
130
MC20-180K-RC
18
10
30
2.52
20
3.3
120
MC20-220K-RC
22
10
30
2.52
20
3.7
110
MC20-270K-RC
27
10
30
2.52
20
5.0
80
MC20-330K-RC
33
10
30
2.52
17
5.6
70
MC20-390K-RC
39
10
30
2.52
16
6.4
65
MC20-470K-RC
47
10
30
2.52
15
7.0
60
MC20-560K-RC
56
10
30
2.52
13
8.0
55
MC20-680K-RC
68
10
30
2.52
12
9.0
50
MC20-820K-RC
82
10
30
2.52
11
10
45
MC20-101K-RC
100
10
20
.796
10
11
40
MC20-121K-RC
120
10
20
.796
10
11
70
MC20-151K-RC
150
10
20
.796
8
15
65
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
0.126±0.012
(3.20±0.30)
0.098±0.012
(2.5±0.30)
0.087±0.012
(2.2±0.30)
0.024±REF
(0.60±REF)
0.04±.01
(1.0±0.3)
0.063
(1.6)
0.047
(1.2)
0.079
(2.0)
Physical
Packaging: 2000 pieces per 7 inch reel.
Marking: EIA Inductance code
Features
• 1210 Molded Chip Inductor
• Terminals have high resistance to
• Excellent Solder Heat Resistance
Electrical
Inductance Range: .12µh ~ 150µh
Tolerance: 10% over entire range
Test Frequency:
Operating Temp: -40ºC ~ +125ºC
IDC: The current at which inductance will
drop no more then 10% of it’s orginial value.
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag 3.0/Cu 0.5
Solder Temperature: 245 ± 5ºC
Also available in 5%
pull forces
Immersion Time: 4 ± 1sec, with no damage
.12µh ~ .82µh measured at 25.2Mhz,
1µh ~ 8.2µh measured at 7.96Mhz,
10µh ~ 82µh measured at 2.52Mhz,
100µh ~ 150µh measured at .796Mhz,


Similar Part No. - MC20-R27K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MC20-R27K-RC ALLIED-MC20-R27K-RC Datasheet
391Kb / 1P
Molded Chip Inductors
More results

Similar Description - MC20-R27K-RC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
Allied Components Inter...
MC20A-R012M-RC ALLIED-MC20A-R012M-RC Datasheet
646Kb / 2P
Molded Chip Inductors
MC30A-100K-RC ALLIED-MC30A-100K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC20-R010K-RC ALLIED-MC20-R010K-RC Datasheet
391Kb / 1P
Molded Chip Inductors
MC30-R10K-RC ALLIED-MC30-R10K-RC Datasheet
393Kb / 1P
Molded Chip Inductors
MC50-R22M-RC ALLIED-MC50-R22M-RC Datasheet
413Kb / 1P
Molded Chip Inductors
MC20A ALLIED-MC20A Datasheet
649Kb / 2P
Molded Chip Inductors
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
Molded Chip Inductors
MC30A ALLIED-MC30A Datasheet
2Mb / 1P
Molded Chip Inductors
MC50 ALLIED-MC50 Datasheet
413Kb / 1P
Molded Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com