Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAHP20-R24M Datasheet(PDF) 3 Page - Allied Components International

Part # PAHP20-R24M
Description  SMD Shielded Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PAHP20-R24M Datasheet(HTML) 3 Page - Allied Components International

  PAHP20-R24M Datasheet HTML 1Page - Allied Components International PAHP20-R24M Datasheet HTML 2Page - Allied Components International PAHP20-R24M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Shielded Power Inductor
PAHP20
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
05/24/2017
Reel Dimension
Tape Dimension
Tearing Off Force
Top cover tape
165° to180°
Base tape
F
Type
A(mm) B(mm) C(mm) D(mm)
178x8mm
50 Min
13±0.8
The force for tearing off cover tape is 15 to 80 grams in the arrow
direction under the following conditions.
Room Temp.
( )
℃
Room Humidity
(%)
Room atm
(hPa)
Tearing Speed
mm/min
5~35
45~85
860~1060
300
Bo(mm) Ao(mm) Ko(mm) P(mm)
t(mm)
2.5±0.1
2.0±0.1
1.4±0.1
4.0±0.1
.23±.05
8.4±1.0
PackagingInformation
Application Notice
‧
Storage Conditions
To maintain the solderability of terminal electrodes:
1. PAHP20Series meets IPC/JEDEC J-STD-020D standard-MSL, level 1.
2. Temperature and humidity conditions: Less than 40°C and 60% RH.
3. Recommended products should be used within 12 months form the time of delivery.
4. The packaging material should be kept where no chlorine or sulfur exists in the air.
‧
Transportation
1. Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
2. The use of tweezers or vacuum pick up is strongly recommended for individual components.
3. Bulk handling should ensure that abrasion and mechanical shock are minimized.
A
178x8mm
t
Ko
P2:2±0.05
P
Ao
Po:4±0.1
Bottom View
178±2.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com