Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAHP20-R68M Datasheet(PDF) 1 Page - Allied Components International

Part # PAHP20-R68M
Description  SMD Shielded Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PAHP20-R68M Datasheet(HTML) 1 Page - Allied Components International

  PAHP20-R68M Datasheet HTML 1Page - Allied Components International PAHP20-R68M Datasheet HTML 2Page - Allied Components International PAHP20-R68M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Shielded Power Inductor
PAHP20
PAHP20-R24M
PAHP20-R33M
PAHP20-R47M
PAHP20-R68M
PAHP20-1R0M
PAHP20-1R5M
PAHP20-2R2M
PAHP20-4R7M
Allied
Part
Number
Inductance (µH)
1MHz, 1.0V
±20%
I sat
(A) Typ.
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
All specifications subject to change without notice.
Features
Low Profile
Magnetically Shielded Construction
for power circuits using metallic magnetic
material
Compatible with high-density mounting
RoHs Compliant and Halogen Free
•
•
Electrical
Inductance Range: .24µH to 4.7µH
Tolerance: 20% over entire range
Test Frequency: 1MHz
Operating Temp: -40°C to +125°C
MSL: Level 1
Isat: The Current at which the Inductance
will drop by 30% typically.
Irms: The Curren at which the Coil
temperature will rise by approximately 40°C
without core loss.
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder: Sn96.5% Ag3% Cu0.5%
Temperature: 245±5°C
Flux for lead free: Rosin. 9.5%
Dip time: 4±1sec
Depth: completely cover the termination
Test Equipment
Inductance: HP4284A, CH11025, CH3302,
CH1320, CH1320S LCR Meter
DCR: CH16502 ,Agilent 33420A
Micro-Ohm Meter
Physical
Packaging: 2000 pieces per 7 inch reel.
05/24/2017
Dimensions:
DCR
(Ω) Typ.
DCR
(Ω) Max.
I sat
(A) Max.
I rms
(A) Typ.
I rms
(A) Max.
7.50
5.50
5.20
5.10
4.50
3.20
2.70
1.60
6.50
5.00
4.50
4.40
4.00
2.80
2.40
1.40
5.70*
6.50**
5.50*
5.60**
4.70*
5.30**
3.90*
4.20**
3.20*
3.40**
2.90*
3.10**
2.20*
2.30**
1.60*
1.80**
5.10*
5.50**
5.00*
5.20**
4.30*
4.70**
3.50*
3.80**
2.90*
3.10**
2.50*
2.70**
2.00*
2.10**
1.40*
1.60**
.020
.023
.029
.044
.060
.082
.120
.216
.015
.018
.024
.036
.050
.068
.100
.180
0.24
0.33
0.47
0.68
1.0
1.5
2.2
4.7
Test Measurement PCB Data:
A
B
C
D
E
*Irms
Material : FR4
Board Dimensions : 100 x 50 x 1.6t mm
Pattern dimensions : 45 x 30 mm (Double sided board)
Pattern thickness : 50µm
**Irms
Material : FR4
Board Dimensions : 100 x 50 x 1.6t mm
Pattern dimensions : 45 x 45 mm (Double sided board)
Pattern thickness : 70µm
.079-.004/+.008
(2.0 -0.1/+0.2)
.063-.004/+.008
(1.6 -0.1/+0.2)
.039
(1.0) Max
.019
(0.5) Ref
.039
(1.0) Ref
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)
inch
(mm)
Reflow times: 1 time max.
within 4-5s
150
TIME( sec.)
Over 60s
350
PRE-HEATING
Iron Soldering
SOLDERING
Gradual
Cooling
NATURAL
COOLING
H
L
G
L
G
H
.091
(2.3)
.031
(0.8)
.039
(1.0)
Recommended
PCB Layout
•
•


Similar Part No. - PAHP20-R68M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PAHP24 ALLIED-PAHP24 Datasheet
1Mb / 3P
SMD ShieldedPower Inductor
PAHP24-1R0M ALLIED-PAHP24-1R0M Datasheet
1Mb / 3P
SMD ShieldedPower Inductor
PAHP24-1R5M ALLIED-PAHP24-1R5M Datasheet
1Mb / 3P
SMD ShieldedPower Inductor
PAHP24-2R2M ALLIED-PAHP24-2R2M Datasheet
1Mb / 3P
SMD ShieldedPower Inductor
PAHP24-4R7M ALLIED-PAHP24-4R7M Datasheet
1Mb / 3P
SMD ShieldedPower Inductor
More results

Similar Description - PAHP20-R68M

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com