Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT12002 Datasheet(PDF) 1 Page - Micro Electronics

Part # UT12002
Description  10/100 BASE T SINGLE PORT SURFACE MOUNT MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

UT12002 Datasheet(HTML) 1 Page - Micro Electronics

  UT12002 Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNIVERSAL MICROELECTRONICS CO.,LTD.
3,27TH RD.,TAICHUNG INDUSTRIAL PARK,
TEL:886-4-23590096 FAX:886-4-23590129
TAICHUNG,TAIWAN,R.O.C
http://www.umec-web.com
E-mail:business@umec.com.tw
DATA SHEET
SPECIFICATIONS
REV.
UM MODEL NO.:
UT12002
10/100BASE-T SINGLE PORT
SURFACE MOUNT MAGNETICS
A3
02/42
Features:
1. Meets IEEE 802.3 and ANSI X.3.263 standards including 350uH OCL with 8mA bias.
2. Designed for reflow soldering at temperature 230
±5oC.
3. Compact footprint for use in the most space restrictive applications.
4. Turns Ratio tolerance:
±5%
5. Operating temperature: -40
oC to +85oC
Electrical Specification @25
oC :
1. Insertion Loss : -1.1dB Max. @ 0.10--100MHz. TX/RX
2. Return Loss : -20dB Min. @ 30MHz. TX/RX
-14dB Min. @ 60MHz. TX/RX
-11.5dB Min. @ 80MHz. TX/RX
3. Diff. to Com. Mode Rejection : -42dB Min. @ 30MHz. TX/RX
-37dB Min. @ 60MHz. TX/RX
-33dB Min. @ 100MHz. TX/RX
4. Cross Talk : -45dB Min. @ 30MHz. TX to RX
-40dB Min. @ 60MHz. TX to RX
-35dB Min. @ 100MHz. TX to RX.
5. HI-POT : 1500Vrms/2sec. Leakage Current 0.5mA Max./input to output.
Dimensions & Schematic:
NOTE: 1. Packaging information-tape and reel according to item no. “SO16A” of data sheet 01-00
2. Specifications are subject to change without prior notice.
UNIT: mm
Tolerances:
±0.25mm
E10-007-C
Suggested pad layout
Coplanarity: 0.1mm
TRANSMIT
8
7
6
3
2
1
1CT:1CT
1CT:1CT
RECEIVE
10
15
9
11
14
16


Similar Part No. - UT12002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT12005 ETC1-UT12005 Datasheet
24Kb / 1P
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
More results

Similar Description - UT12002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-18204 ETC1-T-18204 Datasheet
17Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Rhombus Industries Inc.
T-17200 RHOMBUS-IND-T-17200 Datasheet
20Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Bothhand USA, LP.
12ST6121C BOTHHAND-12ST6121C Datasheet
67Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
TS6125A BOTHHAND-TS6125A Datasheet
262Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
TS6125 BOTHHAND-TS6125 Datasheet
257Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Rhombus Industries Inc.
T-17204 RHOMBUS-IND-T-17204 Datasheet
25Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
1/28/00
T-17207 RHOMBUS-IND-T-17207 Datasheet
25Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
T-17209 RHOMBUS-IND-T-17209 Datasheet
25Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
T-18204 RHOMBUS-IND-T-18204 Datasheet
21Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
10/31/01
T-18205 RHOMBUS-IND-T-18205 Datasheet
21Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
10/31/01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com