Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6264BDC07LL Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264BDC07LL
Description  STANDARD 5K X 8 SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264BDC07LL Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  U6264BDC07LL Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
April 20, 2004
U6264B
a Stresses greater than those listed under „Absolute Maximum Ratings“ may cause permanent damage to the device. This is a stress rating
only, and functional operation of the device at condition above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability
b Maximum voltage is 7 V
c Not more than 1 output should be shorted at the same time. Duration of the short circuit should not exceed 30 s.
Absolute Maximum Ratings a
Symbol
Min.
Max.
Unit
Power Supply Voltage
VCC
-0.3
7
V
Input Voltage
VI
-0.3
VCC + 0.5 b
V
Output Voltage
VO
-0.3
VCC + 0.5 b
V
Power Dissipation
PD
-1
W
Operating Temperature
C-Type
K-Type
A-Type
Ta
0
-40
-40
70
85
125
°C
°C
°C
Storage Temperature
C/K-Type
A-Type
Tstg
-55
-65
125
150
°C
°C
Output Short-Circuit Current
at VCC = 5 V and VO = 0 V c
| IOS |100
mA
Characteristics
All voltages are referenced to VSS = 0 V (ground).
All characteristics are valid in the power supply voltage range and in the operating temperature range specified.
Dynamic measurements are based on a rise and fall time of
≤ 5 ns, measured between 10 % and 90 % of VI,as well as
input levels of VIL = 0 V and VIH = 3 V. The timing reference level of all input and output signals is 1.5 V,
with the exception of the tdis-times, in which cases transition is measured ± 200 mV from steady-state voltage.
d -2 V at Pulse Width 10 ns
Recommended
Operating Conditions
Symbol
Conditions
Min.
Max.
Unit
Power Supply Voltage
VCC
4.5
5.5
V
Data Retention Voltage
VCC(DR)
2.0
V
Input Low Voltage d
VIL
-0.3
0.8
V
Input High Voltage
VIH
2.2
VCC + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com