Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLB20-C600 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # LLB20-C600
Description  Constant Current LED Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LLB20-C600 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  LLB20-C600 Datasheet HTML 1Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 2Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 3Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 4Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 5Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 6Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 7Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PRODUCT SPECIFICATION
led power supplies
LED Power Supplies for Indoor Use
LL SERIES, 20~30WATT, IP20 RATING
Features
3 Year Warranty
Wide Input Voltage Range: 100~240Vac or
High Input Voltage Range: 200-240Vac
Waterproof Rating IP20
Applications
Electrical
www.pairuigroup.com
Page:1/6
Constant Current Output Mode
PAIRUI ELECTRONICS
Series Name
Built-in Active Power Factor Correction
√
Panel Light
Down Light
Recessed Light
√
√
Cabinet Light
√
Other Indoor used Lights
√
LL U 20
Input Voltage Range
U = 100-240Vac
B = 200-240Vac
Nominal Output Power(W)
- C 500
C = Constant Current Mode
Output Mode
Output Current(mA)
Short Circuit, Over Voltage, and Over Current Protections
Updated 2017-V1.0-0704
R
Ripple
Blank = Flicker
R = Flicker-free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com