Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSPW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # SPSPW
Description  Isolated and Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SPSPW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  SPSPW Datasheet HTML 1Page - Wall Industries,Inc. SPSPW Datasheet HTML 2Page - Wall Industries,Inc. SPSPW Datasheet HTML 3Page - Wall Industries,Inc. SPSPW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev F
SP & SPW SERIES
Single Output
Up to 100 Watts
Half Brick DC/DC Converter
11/14/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
1.
Auto off power train protection.
2.
For input reflected ripple of 20mAp-p, use an industry standard 12uH source impedance with a low ESR aluminum 33uf capacitor across input.
3.
Ripple & Noise is measured with a 10uf//0.1uf across output.
4.
All case, pin to case, and pin to header dimensions reference only unless otherwise noted.
5.
Pin diameters are 0.04” except: those used for +Vout and –Vout are 0.08”. Pin length is 0.20” min.
6.
Pin to pin tolerance ±0.01”. Pin diameter tolerance ±0.005”
7.
Significant capacitive load on output may inhibit start-up and operation, consult factory.
8.
All DC/DC converters should be externally fused on the front end for protection.
9.
Heatsinks available, consult factory.
10. 48VDC input with 48VDC output not available in 75 and 100 watt models.
11. Through-hole instead of threaded inserts available (0.125” diameter), add suffix “TH”
12. Positive Remote ON/OFF control is standard. To order negative logic Remote ON/OFF control add the suffix “R” to the part number (Ex.
SP48S48-100R0
*Due to advances in technology, specifications subject to change without notice.
MECHANICAL DRAWINGS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com