Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLH Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # PSLH
Description  5-25 Watts AC/DC Converter Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLH Datasheet(HTML) 8 Page - Wall Industries,Inc.

Back Button PSLH Datasheet HTML 3Page - Wall Industries,Inc. PSLH Datasheet HTML 4Page - Wall Industries,Inc. PSLH Datasheet HTML 5Page - Wall Industries,Inc. PSLH Datasheet HTML 6Page - Wall Industries,Inc. PSLH Datasheet HTML 7Page - Wall Industries,Inc. PSLH Datasheet HTML 8Page - Wall Industries,Inc. PSLH Datasheet HTML 9Page - Wall Industries,Inc. PSLH Datasheet HTML 10Page - Wall Industries,Inc. PSLH Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev B
PSLH SERIES
5-25 Watts
AC/DC Converter
Single Output
5/3/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 11
DIN Rail (“A4” Suffix)
Note:
Unit:mm[inch]
Mounting Rail: TS35, rail needs to conenct safety ground
Wire Range: 24-12AWG
Tightening Torque: Max 0.4 N∙m
General Tolerances: ±1.00 [±0.039]
* This drawing references PSLH10-xxSA4 models. The height of other models is different.
Pin-Out
Pin
PSLHxx-xxA4
1
2
AC(N)
3
AC(L)
4
-Vo
5
NC
6
NC/Trim**
7
NC
8
+Vo
There is no pin “1” on the PSLH15-xxSA4 models.
NC/Trim** The pin is Trim on the PSLH20/25-xxSA4 series
and is not connected on other single output products.
Dimensions (Unit: mm)
Model
Dimensions
PSLH05-xxSA4
96.1 x 54.0 x 34.1mm
PSLH10-xxSA4
96.1 x 54.0 x 34.1mm
PSLH15-xxSA4
96.1 x 54.0 x 35.6mm
PSLH20-xxSA4
96.1 x 54.0 x 36.6mm
PSLH20-xxSA4
96.1 x 54.0 x 36.6mm
Models Weight
Weight
PSLH05
PSLH10
PSLH15
PSLH20
PSLH25
Typ.
165g
165g
175g
210g
210g



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com