Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS03 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLS03
Description  Low Power Consumption, Green Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLS03_18 Datasheet HTML 1Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 2Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 3Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 4Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 5Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev D
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
SIP
SIP with 90º Bend
Size: 1.38in x 0.65in x 0.43in
(35mm x 16.45mm x 11mm)
Size: 1.38in x 0.71in x 0.43in
(35mm x 18mm x 11mm)
FEATURES
• Ultra Wide Input Voltage Range of
85~305VAC/70~430VDC
• Low Power Consumption, Green Power
• High Efficiency & High Power Density
• Flexible Design of Peripheral Circuit
Reduces Layout Problems
• RoHS Compliant
• Over Current and Short Circuit
Protection
• Industrial Grade
• IEC60950, EN60950, UL60950, UL,
CE, and CB Approvals
DESCRIPTION
This PSLS03 series of AC/DC converters offers up to 3 watts of output power in
either a SIP model or SIP model with a 90º bend. This series consists of single
output models with an ultra-wide input voltage range of 85-305VAC. Each model in
this series has low power consumption, high efficiency and high power density, as
well as over current and short circuit protection. This series has IEC60950,
EN60950, UL60950, UL, CE, and CB approvals.
MODEL SELECTION TABLE
Model Number(1)
Input Voltage Range
Nominal Output
Voltage
Output Current
Ripple & Noise Output Power Maximum Capacitive Load Efficiency
PSLS03-15B03S(-F)
85-305VAC
(70-430VDC)
3.3V
600mA
70mV
1.98W
820uF
65%
PSLS03-15B05S(-F)
5V
600mA
70mV
3W
680uF
70%
PSLS03-15B09S(-F)
9V
333mA
50mV
3W
470uF
73%
PSLS03-15B12S(-F)
12V
250mA
50mV
3W
470uF
74%
PSLS03-15B15S(-F)
15V
200mA
50mV
3W
330uF
75%
PSLS03-15B24S(-F)
24V
125mA
50mV
3W
100uF
77%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage (115V and 230V), <75% Humidity and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
AC Input
85
305
VAC
DC Input
70
430
VDC
Input Frequency
47
63
Hz
Input Current
@115VAC
0.12
A
@277VAC
0.06
Inrush Current
@115VAC
13
A
@277VAC
23
Recommended External Input Fuse
1A, slow fusing, necessary
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy(2)
3.3V Model
±6
%
5-24V Models
±5
Line Regulation
Full Load
3.3V Model
±2.5
%
5-24V Models
±1.5
Load Regulation
10%-100% Load
±2.5
%
Output Power
See Table
Output Current
See Table
Min. Load
10
%
Maximum Capacitive Load
See Table
Ripple & Noise(3)
20MHz bandwidth (peak to peak value)
80
150
mV
Stand-By Power Consumption
230VAC Input
0.15
0.25
W
Temperature Coefficient
±0.15
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Self-Recovery
Over Current Protection
Self-Recovery
110
500
%Io
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+85
ºC
Storage Temperature
-40
+105
ºC
Storage Humidity
85
%RH
Power Derating
-40 ~ -20ºC (85-110VAC)
2.0
%/ºC
+70~85ºC
2.67
MTBF
MIL-HDBK-217F@25ºC
300,000
Hours


Similar Part No. - PSLS03_18

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS03-15B03SR2S WALL-PSLS03-15B03SR2S Datasheet
587Kb / 6P
PSLS03 SERIES
PSLS03-15B05SR2S WALL-PSLS03-15B05SR2S Datasheet
587Kb / 6P
PSLS03 SERIES
PSLS03-15B09SR2S WALL-PSLS03-15B09SR2S Datasheet
587Kb / 6P
PSLS03 SERIES
PSLS03-15B12SR2S WALL-PSLS03-15B12SR2S Datasheet
587Kb / 6P
PSLS03 SERIES
PSLS03-15B15SR2S WALL-PSLS03-15B15SR2S Datasheet
587Kb / 6P
PSLS03 SERIES
More results

Similar Description - PSLS03_18

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com