Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBA30 Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # RBA30
Description  Ultra Wide 4:1 Input Voltage Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA30 Datasheet(HTML) 8 Page - Wall Industries,Inc.

Back Button RBA30 Datasheet HTML 2Page - Wall Industries,Inc. RBA30 Datasheet HTML 3Page - Wall Industries,Inc. RBA30 Datasheet HTML 4Page - Wall Industries,Inc. RBA30 Datasheet HTML 5Page - Wall Industries,Inc. RBA30 Datasheet HTML 6Page - Wall Industries,Inc. RBA30 Datasheet HTML 7Page - Wall Industries,Inc. RBA30 Datasheet HTML 8Page - Wall Industries,Inc. RBA30 Datasheet HTML 9Page - Wall Industries,Inc. RBA30 Datasheet HTML 10Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev A
RBA30 SERIES
30 Watts
DC/DC Converter
Single & Dual Output
11/21/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 10
DIN Rail Mount (“DN” Suffix)
Pin-Out
Pin
Single
Dual
1
Ctrl
Ctrl
2
GND
GND
3
Vin
Vin
4
Trim
-V0
5
0V
0V
6
+Vo
+Vo
Note:
Unit: mm[inch
Wire range: 24-12AWG
Tightening torque
: Max 0.4N∙m
General tolerances: ±0.50[±0.020]
DIN Rail Mount with Heatsink (“DNH” Suffix)
Pin Out
Pin
Single
Dual
1
Ctrl
Ctrl
2
GND
GND
3
Vin
Vin
4
Trim
-Vo
5
0V
0V
6
+Vo
+Vo
Note:
Unit: mm[inch]
Wire range: 24-12 AWG
Tightening torque: Max 0.4 N∙m
General tolerances: ±0.50 [±0.020]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com