Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM1.CC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWCSSRM1.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM1.CC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWCSSRM1.CC Datasheet HTML 8Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 9Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 10Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 11Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 12Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 13Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 14Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 15Page - OSRAM GmbH GWCSSRM1.CC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
2014-02-15
12
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW CSSRM1.CC
Forward Current 6) page 26
Durchlassstrom 6) Seite26
IF = f (VF); TS = 85 °C
Relative Luminous Flux 6) page 26 , 8) page 26
Relativer Lichtstrom 6) Seite26 , 8) Seite 26
ΦVV(700 mA) = f(IF); TS = 85 °C
Chromaticity Coordinate Shift 6) page 26
Farbortverschiebung 6) Seite 26
Cx, Cy = f(IF); TS = 85 °C
GW CSSRM1.CC
2.6
3.3
2.8
3.0
3.2
VF [V]
200
1500
400
600
800
1000
1200
1400
IF [mA]
: white
GW CSSRM1.CC
IF [mA]
0.0
0.5
1.0
1.5
2.0
ΦV
ΦV(700mA)
: white
GW CSSRM1.CC
IF [mA]
0.40
0.41
0.42
0.43
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com