Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM2.CM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWCSSRM2.CM
Description  SMT ceramic package with silicone resin and silicone lens
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM2.CM Datasheet(HTML) 2 Page - OSRAM GmbH

  GWCSSRM2.CM Datasheet HTML 1Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 2Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 3Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 4Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 5Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 6Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 7Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM2.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2017-10-26
2
Version 1.2
GW CSSRM2.CM
Ordering Information
Bestellinformation
Type:
Color
Temperature
Luminous Flux
Ordering Code
Typ:
Farbtemperatur
Lichtstrom
Bestellnummer
IF = 700 mA, TJ =
85 °C
[K]
ΦV [lm]
GW CSSRM2.CM-M1M3-A838-1
2700
180 ... 210
Q65112A0828
GW CSSRM2.CM-M1M3-XX58-1
2700
180 ... 210
Q65112A0827
GW CSSRM2.CM-M2M4-A838-1
2700
190 ... 220
Q65112A0858
GW CSSRM2.CM-M2M4-XX58-1
2700
190 ... 220
Q65112A0853
GW CSSRM2.CM-M3M5-A737-1
3000
200 ... 230
Q65112A0857
GW CSSRM2.CM-M3M5-XX57-1
3000
200 ... 230
Q65112A0844
GW CSSRM2.CM-M4M6-A636-1
3500
210 ... 240
Q65112A0854
GW CSSRM2.CM-M4M6-XX56-1
3500
210 ... 240
Q65112A0966
GW CSSRM2.CM-M5M7-A535-1
4000
220 ... 250
Q65112A0855
GW CSSRM2.CM-M5M7-XX55-1
4000
220 ... 250
Q65112A0845
GW CSSRM2.CM-M4M6-A535-1
4000
210 ... 240
Q65112A0824
GW CSSRM2.CM- M4M6-XX55-1
4000
210 ... 240
Q65112A0823
GW CSSRM2.CM-M6M8-A232-1
5700
230 ... 260
Q65112A0846
GW CSSRM2.CM-M6M8-XX52-1
5700
230 ... 260
Q65112A0848
GW CSSRM2.CM-M6M8-A131-1
6500
230 ... 260
Q65112A0850
GW CSSRM2.CM-M6M8-XX51-1
6500
230 ... 260
Q65112A0851
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 6). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW CSSRM2.CM-M1M3-XX58-1
means that only one group M1, M2, M3 will be shippable for any packing unit.
In a similar manner for colors where color chromaticity coordinate groups are measured and binned, single groups will be shipped on
any one packing unit. GW CSSRM2.CM-M1M3-XX58-1 means that the device will be shipped within the specified limits.
In a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped
on any packing unit. E. g. GW CSSRM2.CM-M1M3-XX58-1 means that only one forward voltage group K2,L1,L2,M1,M2 will be
shippable.
1) page 24
1) Seite 24
GW CSSRM2.CM-M5M7-A333-1
5000
220 ... 250
Q65112A1652
GW CSSRM2.CM-M5M7-XX53-1
5000
220 ... 250
Q65112A1650
GW CSSRM2.CM-M6M8-A333-1
5000
230 ... 260
Q65112A1651
GW CSSRM2.CM-M6M8-XX53-1
5000
230 ... 260
Q65112A1649



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com