Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2S2M Datasheet(PDF) 2 Page - NEC

Part # 2S2M
Description  THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2S2M Datasheet(HTML) 2 Page - NEC

  2S2M Datasheet HTML 1Page - NEC 2S2M Datasheet HTML 2Page - NEC 2S2M Datasheet HTML 3Page - NEC 2S2M Datasheet HTML 4Page - NEC 2S2M Datasheet HTML 5Page - NEC 2S2M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D13535EJ2V0DS
2
2S2M, 2S4M
ELECTRICAL CHARACTERISTICS (Tj = 25
°°°°C, RGK = 1 kΩ
Ω
Ω
Ω)
Parameter
Symbol
Conditions
Specifications
Unit
Remarks
MIN.
TYP.
MAX.
Tj = 25
°C
10
µA
−
Repeat peak off-state
current
IDRM
VDM = VDRM
Tj = 125
°C
200
−
Tj = 25
°C
10
µA
−
Repetitive peak reverse
current
IRRM
VRM = VRRM
Tj = 125
°C
200
V
Refer to Figure 1.
On voltage
VTM
Tj = 25
°C, ITM = 4 A
−−
2.2
V
Refer to Figure 9.
Gate trigger voltage
VGT
VDM = 6 V, RL = 100
Ω−
−
0.8
µA
Refer to Figure 8.
Gate trigger current
IGT
VDM = 6 V, RL = 100
Ω−
−
300
V
−
Gate non-trigger voltage
VGD
Tj = 125
°C, VDM = 1
2
VDRM
0.2
−−
V
−
Critical rate of-rise of off-
state voltage
dV/dt
Tj = 125
°C, VDM = 2
3
VDRM
10
−−
V/
µs
−
Holding current
IH
Tj = 25
°C, VD = 24 V
−−
10
mA
−
Commutating turn-off time
Tq
Tj = 125
°C, IT = 2 A
VDM =
2
3
VDRM, VR = 50 V
dV/dt = 10 V/
µs
−
15
µs
Turn-on time
Tgt
Tj = 125
°C, VDM = 2
3
VDRM
ITM = 30 A
IG = 5 mA, t1G = 5
µs
−−
2
µs
−
Rth(j-c)
Junction-to-case DC
−−
10
°C/W Refer to Figure 13.
Thermal resistance
Rth(j-a)
Junction-to-ambient DC
−−
75
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com