Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRC27HC-R47T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # LRC27HC-R47T-RC
Description  High Current Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LRC27HC-R47T-RC Datasheet(HTML) 1 Page - Allied Components International

  LRC27HC-R47T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Current Chip Inductors
LRC27HC
Allied
Part
Number
Inductance
(µh)
Marking
SRF
Min.
Tolerance
(%)
RDC
( Ω )
Test
Freq.
(MHz,1V)
.47
1.0
2.2
4.7
10
22
100
100
70
40
30
20
R47
1R0
2R2
4R7
100
220
1
1
1
1
1
1
LRC27HC-R47T-RC
LRC27HC-1R0T-RC
LRC27HC-2R2T-RC
LRC27HC-4R7T-RC
LRC27HC-100T-RC
LRC27HC-220T-RC
30
30
30
30
30
30
0.030
0.045
0.076
0.18
0.38
0.81
Features
Electrical
Inductance Range: .47uH ~ 47uH
Tolerance: 30% over entire range, 20%
Operating Temp. Range: i-40ºC ~+125ºC
Test Equipment
(L): HP 4284A
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
1.5
70
1R5
1
LRC27HC-1R5T-RC
30
0.057
3.3
50
3R3
1
LRC27HC-3R3T-RC
30
0.12
6.8
40
6R8
1
LRC27HC-6R8T-RC
30
0.24
15
25
150
1
LRC27HC-150T-RC
30
0.70
(MHz)
All specifications subject to change without notice.
Isat Current: Based on Temperature drop
of 30% typical.
Resistance to Soldering Heat
Pre-heat 150ºC, 1 minute.
Solder Composition: Sn/Ag3.0/Cu0.5
• High Current
REVISED 10/06/2016
+/-20%
Isat
3.4
2.3
1.55
1.00
0.75
0.50
1.75
1.25
0.85
0.55
(A)
Irms
(A)
2.55
2.05
1.60
1.00
0.70
0.45
1.75
1.20
0.85
47
11
470
1
LRC27HC-470T-RC
30
1.48
33
14
330
1
LRC27HC-300T-RC
30
1.05
0.28
0.36
Dimensions: Inches
(mm)
• Low DC Resistance
• Wide Inductance Range
• Expanded Temp Range
available from 2.2uH to 47uH.
Irms Current: Max temp rise shall be 40ºC
typical.
Solder Temp: 260±5ºC for 10 sec
(RDC): CHEN HWA 502BC
(Rate Current): HP4284A+HP42841A
(SRF): HP4284A+HP42841A
Physical
(L): 2000 pieces per 7 inch reel
(Marking): EIA Inductance Code
L/Q: Test OSC @ 1V
0.50
0.24
0.32
0.098±0.008
(2.50±0.20)
0.126±0.012
(3.20±0.30)
0.098±0.008
(2.50±0.20)
(1.55±0.15)
0.062±0.006
(0.90±0.30)
(1.30±0.20)
(2.10±0.20)
0.083±0.008
0.051±0.008
0.035±0.012


Similar Part No. - LRC27HC-R47T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRC20 ALLIED-LRC20 Datasheet
779Kb / 1P
Low Resistance Chip Inductors
LRC20-100K-RC ALLIED-LRC20-100K-RC Datasheet
748Kb / 1P
Low Resistance Chip Inductors
LRC20-100K-RC ALLIED-LRC20-100K-RC Datasheet
779Kb / 1P
Low Resistance Chip Inductors
LRC20-101K-RC ALLIED-LRC20-101K-RC Datasheet
748Kb / 1P
Low Resistance Chip Inductors
LRC20-101K-RC ALLIED-LRC20-101K-RC Datasheet
779Kb / 1P
Low Resistance Chip Inductors
More results

Similar Description - LRC27HC-R47T-RC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210H ABRACON-AISM-1210H Datasheet
276Kb / 1P
SMD MOLDED HIGH CURRENT CHIP INDUCTORS
logo
Allied Components Inter...
FCHC10-1R0K-RC ALLIED-FCHC10-1R0K-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors High Current
FCHC20-R47K-RC ALLIED-FCHC20-R47K-RC Datasheet
454Kb / 1P
Ferrite Core Chip Inductors High Current
PCHC25-R56M-RC ALLIED-PCHC25-R56M-RC Datasheet
282Kb / 1P
Power Chip High Current Inductors
PCHC40-R33M-RC ALLIED-PCHC40-R33M-RC Datasheet
290Kb / 1P
Power Chip High Current Inductors
PCHC60-R78M-RC ALLIED-PCHC60-R78M-RC Datasheet
280Kb / 1P
Power Chip High Current Inductors
FCHC10 ALLIED-FCHC10 Datasheet
362Kb / 1P
Ferrite Core Chip Inductors High Current
PCHC25 ALLIED-PCHC25 Datasheet
601Kb / 1P
Power Chip High Current Inductors
PCHC40 ALLIED-PCHC40 Datasheet
632Kb / 1P
Power Chip High Current Inductors
PCHC60 ALLIED-PCHC60 Datasheet
607Kb / 1P
Power Chip High Current Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com