Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVCV2G66
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVCV2G66 Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
9 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
a. VCC = 2.5 V
b. VCC = 2.7 V
c. VCC = 3.3 V
d. VCC = 5.0 V
Fig 9.
Switch ON-resistance at various supply voltages as a function of input voltage.
001aaa537
VI (V)
06
4
2
8
4
12
16
RON
(
Ω)
0
Tamb = +85 °C
+25 °C
−40 °C
+125 °C
001aaa538
VI (V)
06
4
2
8
4
12
16
RON
(
Ω)
0
Tamb = +85 °C
+25 °C
−40 °C
+125 °C
Tamb = +85 °C
+25 °C
−40 °C
+125 °C
VI (V)
06
4
2
8
4
12
16
RON
(
Ω)
0
001aaa539
001aaa540
VI (V)
06
4
2
8
4
12
16
RON
(
Ω)
0
Tamb = +85 °C
+25 °C
−40 °C
+125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com