Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVCV2G66DC Datasheet HTML 1Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 2Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 3Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 4Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
The 74LVCV2G66 is a high-performance, low-power, low-voltage, Si-gate CMOS device
that provides superior performance to most advanced CMOS compatible TTL families.
The 74LVCV2G66 provides two single pole, single throw analog or digital switches. Each
switch includes an overvoltage tolerant input/output terminal (pin nZ), an output/input
terminal (pin nY) and low-power active HIGH enable input (pin nE).
The overvoltage tolerant switch terminals allow the switching of signals in excess of VCC.
The low-power enable input eliminates the necessity of using current limiting resistors in
portable applications when using control logic signals much lower than VCC. These inputs
are also overvoltage tolerant.
2.
Features
s Wide supply voltage range from 2.3 V to 5.5 V
s Ultra low-power operation
s Very low ON-resistance:
x 8.0
Ω (typ) at V
CC = 2.7 V
x 7.5
Ω (typ) at V
CC = 3.3 V
x 7.3
Ω (typ) at V
CC = 5.0 V.
s 5 V tolerant input for interfacing with 5 V logic
s High noise immunity
s Switch handling capability of 32 mA
s CMOS low-power consumption
s Latch-up performance exceeds 250 mA
s Incorporates overvoltage tolerant analog switch technology
s Switch accepts voltages up to 5.5 V independent of VCC
s SOT505-2 and SOT765-1 package
s Specified from
−40 °C to +85 °C and −40 °C to +125 °C.
3.
Quick reference data
74LVCV2G66
Overvoltage tolerant bilateral switch
Rev. 01 — 2 April 2004
Product data sheet
Table 1:
Quick reference data
GND = 0 V; tr =tf ≤ 2.5 ns; min and max at Tamb = −40 °C to +85 °C; typical at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPZH, tPZL turn-on time E to
Y or Z
CL = 50 pF; RL = 500 Ω
VCC = 3.0 V to 3.6 V
1.0
3.8
7.5
ns
VCC = 4.5 V to 5.5 V
1.0
2.7
5.0
ns


Similar Part No. - 74LVCV2G66DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCV2G66DC NXP-74LVCV2G66DC Datasheet
648Kb / 23P
Overvoltage tolerant bilateral switch
Rev. 3-16 June 2010
logo
Nexperia B.V. All right...
74LVCV2G66DC NEXPERIA-74LVCV2G66DC Datasheet
303Kb / 19P
Overvoltage tolerant bilateral switch
Rev. 9 - 1 April 2021
logo
NXP Semiconductors
74LVCV2G66DCY66 NXP-74LVCV2G66DCY66 Datasheet
648Kb / 23P
Overvoltage tolerant bilateral switch
Rev. 3-16 June 2010
More results

Similar Description - 74LVCV2G66DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
74LVCV2G66 NXP-74LVCV2G66 Datasheet
648Kb / 23P
Overvoltage tolerant bilateral switch
Rev. 3-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
74LVCV2G66 NEXPERIA-74LVCV2G66 Datasheet
303Kb / 19P
Overvoltage tolerant bilateral switch
Rev. 9 - 1 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com