Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403DMQ Datasheet(PDF) 1 Page - International Rectifier

Part # 403DMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

403DMQ Datasheet(HTML) 1 Page - International Rectifier

  403DMQ Datasheet HTML 1Page - International Rectifier 403DMQ Datasheet HTML 2Page - International Rectifier 403DMQ Datasheet HTML 3Page - International Rectifier 403DMQ Datasheet HTML 4Page - International Rectifier 403DMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The 403DMQ100 center tap Schottky rectifier module series
has been optimized for low reverse leakage at high tempera-
ture. The proprietary barrier technology allows for reliable
operation up to 175 °C junction temperature. Typical applica-
tions are in high current switching power supplies, plating
power supplies, UPS systems, converters, free-wheeling
diodes, welding, and reverse battery protection.
175 °C T
J operation
Center tap module
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
Major Ratings and Characteristics
I
F(AV) Rectangular
400
A
waveform
V
RRM
100
V
I
FSM @ tp = 5 µs sine
25,500
A
V
F
@200Apk,T
J=125°C
0.72
V
(per leg)
T
J
range
- 55 to 175
°C
Characteristics
403DMQ... Units
SCHOTTKY RECTIFIER
403DMQ... Series
400 Amp
Bulletin PD-2.539 rev. C 02/04
TO-244AB
isolated doubler
Modified JEDEC
Outline TO-244AB Isolated
Dimensions in millimeters and (inches)
1
2
3
1
www.irf.com


Similar Part No. - 403DMQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
403DMQ SMC-403DMQ Datasheet
215Kb / 4P
All SMC parts are traceable to the wafer lot
logo
SMC Diode Solutions Co....
403DMQ SMCDIODE-403DMQ Datasheet
335Kb / 5P
SCHOTTKY RECTIFIER
Rev B
logo
Sangdest Microelectroni...
403DMQ080 SMC-403DMQ080 Datasheet
215Kb / 4P
All SMC parts are traceable to the wafer lot
403DMQ100 SMC-403DMQ100 Datasheet
215Kb / 4P
All SMC parts are traceable to the wafer lot
403DMQ600 SMC-403DMQ600 Datasheet
171Kb / 3P
Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - 403DMQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com