Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTCN5M Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTCN5M
Description  SMD ceramic package with silicone resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTCN5M Datasheet(HTML) 1 Page - OSRAM GmbH

  LTCN5M Datasheet HTML 1Page - OSRAM GmbH LTCN5M Datasheet HTML 2Page - OSRAM GmbH LTCN5M Datasheet HTML 3Page - OSRAM GmbH LTCN5M Datasheet HTML 4Page - OSRAM GmbH LTCN5M Datasheet HTML 5Page - OSRAM GmbH LTCN5M Datasheet HTML 6Page - OSRAM GmbH LTCN5M Datasheet HTML 7Page - OSRAM GmbH LTCN5M Datasheet HTML 8Page - OSRAM GmbH LTCN5M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2012-11-06
1
2012-11-06
OSLON SX
Datasheet
Version 1.1
LT CN5M
Features:
Besondere Merkmale:
• Package: SMD ceramic package with silicone
resin with lens
• Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 60°
• Abstrahlwinkel bei 50 % IV: 60°
• Color: true green (528 nm)
• Farbe: true green (528 nm)
• Optical efficiency (typ.): 71 lm/W (true green)
• Optischer Wirkungsgrad (typ.): 71 lm/W (true
green)
• ESD - withstand voltage: 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 2 kV nach JESD22-A114-F
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
• Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
• Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
• LCD Backlighting
• LCD Beleuchtung
• Camera Flash and Video Light
• Blitzlicht für Kameras/ Videoleuchte
• Backlighting
• Hinterleuchtung
• Reading Lamps
• Leselampen
• Decorative Lighting
• Dekorative Beleuchtung
• Exterior Automotive Lighting
• Automobilbeleuchtung außen
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Dashboard Backlighting
• Instrumentenbeleuchtung


Similar Part No. - LTCN5M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
Camera Flash and Video Light
More results

Similar Description - LTCN5M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
977Kb / 22P
SMD ceramic package with silicone resin with lens
LMWCNAP-6J7K-37-DF-LH OSRAM-LMWCNAP-6J7K-37-DF-LH Datasheet
419Kb / 22P
SMD ceramic package with silicone resin with lens
LUWCVBP.CE OSRAM-LUWCVBP.CE Datasheet
758Kb / 22P
SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
SMD ceramic package with silicone resin with lens
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
SMD ceramic package with silicone resin with lens
LY-CKBP OSRAM-LY-CKBP Datasheet
618Kb / 22P
SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
SMD ceramic package with silicone resin with lens
LUW-CN5M OSRAM-LUW-CN5M Datasheet
919Kb / 21P
SMD ceramic package with silicone resin with lens
LUW-CVBP.CE OSRAM-LUW-CVBP.CE Datasheet
758Kb / 22P
SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com