Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAHP24-R24M Datasheet(PDF) 2 Page - Allied Components International

Part # PAHP24-R24M
Description  SMD ShieldedPower Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PAHP24-R24M Datasheet(HTML) 2 Page - Allied Components International

  PAHP24-R24M Datasheet HTML 1Page - Allied Components International PAHP24-R24M Datasheet HTML 2Page - Allied Components International PAHP24-R24M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Shielded Power Inductor
PAHP24
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
05/30/2017
0
123
4
5
DC Current(A)
0
0.5
1
1.5
2
PAHP24-1R0M
0
2.5
5
7.5
10
DC Current(A)
0
0.1
0.2
0.3
0.4
PAHP24-R24M
0
2.5
5
7.5
10
DC Current(A)
0
0.15
0.3
0.45
0.6
PAHP24-R33M
0
2
4
6
8
DC Current(A)
0
0.2
0.4
0.6
0.8
PAHP24-R47M
0
1.5
3
4.5
6
DC Current(A)
0
0.3
0.6
0.9
1.2
PAHP24-R68M
0
1
2
3
4
DC Current(A)
0
0.7
1.4
2.1
2.8
PAHP24-1R5M
0
0.7
1.4
2.1
2.8
DC Current(A)
0
1
2
3
4
PAHP24-2R2M
0
0.5
1
1.5
2
DC Current(A)
0
2
4
6
8
PAHP24-4R7M
Typical Performance Curves



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com