Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDF24-R33M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCDF24-R33M-RC
Description  Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCDF24-R33M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCDF24-R33M-RC Datasheet HTML 1Page - Allied Components International PCDF24-R33M-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCDF24-RC
15
All specifications subject to change without notice.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Power Inductors
Revised 03/01/2017
Features
• SMD Shielded Inductor
• For Power Circuits
• Lead (Pb) and Halogen-Free
• Low Profile
Electrical
Inductance Range: .24µH to 2.2µH
Tolerance: 20% over entire range
Operating Temp: -40ºC to +125ºC
Isat: The Current at which the Inductance will drop
by no more than 30% of its initial value w/o current
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ±5ºC for 10 sec ± 1 sec.
Test Equipment
(L): HP4284A LCR Meter
(RDC): Chen Hwa CH16502A
(IDC): HP4284A with HP42841A or
Physical
Packaging: 2000 pieces per 13 inch Reel
Marking: None
Chen Hwa 1061 + Chen Hwa 301A
Allied
Part
Number
Inductance
(µH)
Tolerance
(%)
Test
Freq.
(MHz)
DCR
(Ω)
Typ.
Isat
(A)
Typ.
Irms
(A)
Typ.
PCDF24-R24M-RC
PCDF24-R33M-RC
PCDF24-R47M-RC
PCDF24-R56M-RC
PCDF24-R68M-RC
PCDF24-1R0M-RC
PCDF24-1R2M-RC
PCDF24-1R5M-RC
PCDF24-2R2M-RC
.24
.33
.47
.56
.68
1.0
1.2
1.5
2.2
20
20
20
20
20
20
20
20
20
1, 0.1V
1, 0.1V
1, 0.1V
1, 0.1V
1, 0.1V
1, 0.1V
1, 0.1V
1, 0.1V
1, 0.1V
.030
.032
.034
.045
.046
.060
.090
.090
.130
.042
.044
.046
.054
.055
.080
.108
.108
.169
4.80
4.30
4.00
3.80
3.70
3.40
2.90
2.70
2.40
4.30
3.80
3.30
3.00
2.90
2.70
2.30
2.10
1.90
3.60
3.50
3.40
3.30
3.30
2.60
2.30
2.30
1.80
3.10
3.00
2.90
2.80
2.80
2.20
1.90
1.90
1.50
2.5 -0.1/+0.2
2.0 -0.05/+0.35
1.0 Max
0.85 Ref.
0.80 Ref.
V
V
0.85 Ref.
Irms: The Current at which the Temperature will rise
by no more than 40ºC. from ambient
See Page 2 for Performance Graphs.
Unit: mm
DCR
(Ω)
Max
Isat
(A)
Max
Irms
(A)
Typ.


Similar Part No. - PCDF24-R33M-RC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCDF MACOM-PCDF Datasheet
77Kb / 2P
15 Amp Low Profile Power PC Board Relay
logo
Pan Jit International I...
PCDF0465G1 PANJIT-PCDF0465G1 Datasheet
494Kb / 5P
Silicon Carbide Schottky Barrier Diode
November 21,2023 REV.00
PCDF0665G1 PANJIT-PCDF0665G1 Datasheet
494Kb / 5P
Silicon Carbide Schottky Barrier Diode
November 21,2023 REV.00
PCDF0865G1 PANJIT-PCDF0865G1 Datasheet
494Kb / 5P
Silicon Carbide Schottky Barrier Diode
November 21,2023 PCDF0865G1-REV.00
logo
Tyco Electronics
PCDF105D1MH MACOM-PCDF105D1MH Datasheet
88Kb / 2P
15 Amp Low Profile Power PC Board Relay
More results

Similar Description - PCDF24-R33M-RC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com