Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC320H-R47M Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC320H-R47M
Description  Power Choke High Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC320H-R47M Datasheet(HTML) 1 Page - Allied Components International

  PCHC320H-R47M Datasheet HTML 1Page - Allied Components International PCHC320H-R47M Datasheet HTML 2Page - Allied Components International PCHC320H-R47M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Choke High Current
PCHC320H
15
DCR
(mΩ)
Typ.@25°C
Isat
(A)
Typ.
Allied
Part
Number
Inductance
(µH)
±20% @ 0A
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
11/30/2016
Irms
(A)
Typ.
Features
• Magnetically shielded construction
• Expanded operating temp range
Electrical
Inductance Range: 0.47µH to 10µH
Tolerance: ±20% Across entire series
Operating Temp: -40ºC to +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat: 150ºC, 1 minute.
Physical
Packaging: 3000 pieces per 13 inch reel.
Resistance to Soldering Heat
Solder Composition: Sn96.5% Ag3% Cu0.5%
Solder Temp: 245ºC ± 5ºC
DCR: CH16502, Agilent 33420A Mirco-Ohmmeter
Marking: EIA Inductance Code/ Date Code
Irms: Current at which
without core loss.
Isat: Current at which Inductance drop is
appoximately 30%. The part temperature
(ambient + temp rise) should not exceed 125°C
under worst case operating conditions.
Test Frequency: 100KHz, 1V
• Low DCR
• Suitable for pick and place
∆
T=40ºC temp rise
Immersion Time: 4 sec. ± 1 sec.
19.7
25.5
32
42
65
125
172
205
260
340
366
9.0
7.0
5.0
4.0
3.7
3.5
3.0
2.6
2.2
1.9
1.6
7.0
5.5
4.0
3.8
3.5
3.0
2.6
2.2
1.9
1.6
1.4
• Series is RoHS Compliant
PAGE 1 OF 3
DCR
(mΩ)
Max@25°C
23
29
38
50
75
145
200
238
300
390
422
D
C
A
E
B
• High Current
Depth: Completely cover the termination
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)
1R0
Dimensions:
Inches
(mm)
PCHC320H-R47M
PCHC320H-R65M
PCHC320H-1R0M
PCHC320H-1R5M
PCHC320H-2R2M
PCHC320H-3R3M
PCHC320H-4R7M
PCHC320H-5R6M
PCHC320H-6R8M
PCHC320H-8R2M
PCHC320H-101M
0.47
0.68
1.00
1.50
2.20
3.30
4.70
5.60
6.80
8.20
10.0
.138±.008
3.5±0.2
.126±.008
3.2±0.2
.071±.008
1.8±0.2
.028±.008
0.7±0.2
.047±.008
1.2±0.2
.161
4.1
.075
1.9
.138±.008
3.5±0.2
.057
1.45
L
H
G


Similar Part No. - PCHC320H-R47M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC1004H ALLIED-PCHC1004H Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-100M ALLIED-PCHC1004H-100M Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-150M ALLIED-PCHC1004H-150M Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-1R0M ALLIED-PCHC1004H-1R0M Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-1R2M ALLIED-PCHC1004H-1R2M Datasheet
1Mb / 4P
Power Choke High Current
More results

Similar Description - PCHC320H-R47M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
Power Choke High Current
PCHC128H ALLIED-PCHC128H Datasheet
587Kb / 1P
Power Choke High Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com