Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC320H-R65M Datasheet(PDF) 3 Page - Allied Components International

Part # PCHC320H-R65M
Description  Power Choke High Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC320H-R65M Datasheet(HTML) 3 Page - Allied Components International

  PCHC320H-R65M Datasheet HTML 1Page - Allied Components International PCHC320H-R65M Datasheet HTML 2Page - Allied Components International PCHC320H-R65M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Choke High Current
PCHC320H
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
11/30/2016
PAGE 3 OF 3
Packaging Information
Reel Dimension
Tape Dimension
.079±.02
2.0±0.5
EMBOSSED CARRIER
A
COVER TAPE
A
B
C
D
.069
1.75
.158
4.0
.079
2.0
.059
1.5
.138±.004
3.5±0.1
.315±.004
8.0±.01
.091±.004
2.3±0.1
.014±.002
0.35±0.05
3°
.488+.079/-0
12.4+2.0/-0
3.94±.079
100±2.0
.512+.002/-.008
13+0.5/-0.2
13.00
330



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com