Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC420Z2-R18N-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC420Z2-R18N-RC
Description  SMD High Current Shielded Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC420Z2-R18N-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC420Z2-R18N-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC420Z2
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Revised 01/15/2018
Features
• Magnetically shielded construction
Electrical
Inductance Range: 0.10µH to 22µH
Tolerance: Available in 20% and 30% as noted
Test Equipment
(L): HP 4284A LCR meter or equivalent
• Ultra High saturation current 35A
DCR: Agilent 33420A Micro Ohmmeter
Temp. Rise: =40ºC Typical at rated Irms without
core loss.
Test Frequency: 100KHz, 1V
Operating Temp Range: -55°C to +125°C
• Ultra low buzz due to unibody construction
Part temperature (ambient + temp rise) should
not exceed 125ºC
• Low DC Resistance
Inductance drop: 30% typical at rated Isat
All specifications subject to change without notice.
Allied
Part
Number
Inductance
LO (µH)
±20%@0 A
DCR (mΩ)
@25°C
Max
PCHC420Z2-R10N-RC
PCHC420Z2-R18N-RC
PCHC420Z2-R22N-RC
PCHC420Z2-R33M-RC
PCHC420Z2-R47M-RC
PCHC420Z2-R56M-RC
PCHC420Z2-R68M-RC
PCHC420Z2-1R0M-RC
PCHC420Z2-1R2M-RC
PCHC420Z2-1R5M-RC
PCHC420Z2-2R2M-RC
PCHC420Z2-3R3M-RC
PCHC420Z2-4R7M-RC
PCHC420Z2-5R6M-RC
PCHC420Z2-6R8M-RC
PCHC420Z2-8R2M-RC
PCHC420Z2-100M-RC
PCHC420Z2-150M-RC
PCHC420Z2-220M-RC
0.10±30%
0.18±30%
0.22±30%
0.33
0.47
0.56
0.68
1.00
1.20
1.50
2.20
3.30
4.70
5.60
6.80
8.20
10.0
15.0
22.0
12.0
13.5
13.0
10.0
8.00
7.30
7.00
5.00
4.80
4.50
4.00
3.50
2.60
2.20
2.10
2.00
1.80
1.50
1.20
3.2
4.6
6.6
7.8
11.2
13.5
16
22
25
34.8
51
69
95
112
150
158
215
325
470
4.0
5.4
7.3
8.6
14
16
19
27
30
42
61
76
105
125
172
180
243
374
500
35.0
28.0
24.0
18.0
12.0
10.0
10.0
8.50
7.80
7.00
6.00
4.00
3.50
3.00
2.80
2.50
2.30
1.90
1.40
.159±.009
(4.06±0.25)
(4.45±0.25)
.175±.009
(2.0 Max)
.079 Max
(2.0±0.20)
.079±.008
.03±0.011
(.76±0.3)
Dimensions:
Inches
(mm)
L
G
L(mm)
G(mm)
H(mm)
5.2
2.2
2.4
Pre-Heat: 150ºC, 60 sec
Resistance to Soldering Heat
Solder Composition: Sn96.5%/Ag3.0%/Cu0.5%
Solder Temp: 260ºC ± 5ºC
Immersion Time: 10 sec. ± 1 sec.
Physical
Packaging: 3000 pieces per 13 inch reel.
Typ
Irms (A)
Typ
Max
10.0
11.0
11.0
9.00
7.00
6.50
6.30
4.40
4.20
4.00
3.50
3.00
2.20
2.00
1.80
1.60
1.40
1.20
1.00
Isat (A)
Typ
Max
30.0
25.0
21.0
16.0
11.0
9.00
9.00
7.50
7.00
6.20
5.40
3.60
3.20
2.70
2.50
2.20
2.00
1.70
1.20


Similar Part No. - PCHC420Z2-R18N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC420 ALLIED-PCHC420 Datasheet
1Mb / 1P
SMD High Current Shielded Choke
PCHC420-100L-RC ALLIED-PCHC420-100L-RC Datasheet
1Mb / 1P
SMD High Current Shielded Choke
PCHC420-1R2M-RC ALLIED-PCHC420-1R2M-RC Datasheet
1Mb / 1P
SMD High Current Shielded Choke
PCHC420-1R5M-RC ALLIED-PCHC420-1R5M-RC Datasheet
1Mb / 1P
SMD High Current Shielded Choke
PCHC420-220L-RC ALLIED-PCHC420-220L-RC Datasheet
1Mb / 1P
SMD High Current Shielded Choke
More results

Similar Description - PCHC420Z2-R18N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC63A ALLIED-PCHC63A Datasheet
351Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC515R8 ALLIED-PCHC515R8 Datasheet
397Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC618R8A ALLIED-PCHC618R8A Datasheet
395Kb / 1P
SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com