Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC1004H-R15M Datasheet(PDF) 3 Page - Allied Components International

Part # PCHC1004H-R15M
Description  Power Choke High Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC1004H-R15M Datasheet(HTML) 3 Page - Allied Components International

  PCHC1004H-R15M Datasheet HTML 1Page - Allied Components International PCHC1004H-R15M Datasheet HTML 2Page - Allied Components International PCHC1004H-R15M Datasheet HTML 3Page - Allied Components International PCHC1004H-R15M Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power Choke High Current
PCHC1004H
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/23/2017
PAGE 3 OF 4
Typical Performance Curves
0
4.25
8.5
12.75
17
DC CURRENT(A)
0
2
4
6
8
0
10
20
30
40
50
60
70
80
0
3.5
7
10.5
14
DC CURRENT(A)
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
0
3.375
6.75
10.125
13.5
DC CURRENT(A)
0
3
6
9
12
0
10
20
30
40
50
60
70
80
0
3.125
6.25
9.375
12.5
DC CURRENT(A)
0
4
8
12
16
0
10
20
30
40
50
60
70
80
03
6
9
12
DC CURRENT(A)
0
5
10
15
20
0
10
20
30
40
50
60
70
80
02
4
6
8
10
DC CURRENT(A)
0
6
12
18
24
30
0
10
20
30
40
50
60
70
80
90
100
0
1.75
3.5
5.25
7
DC CURRENT(A)
0
10
20
30
40
0
10
20
30
40
50
60
70
80
0
1.2
2.4
3.6
4.8
6
DC CURRENT(A)
0
10
20
30
40
50
0
20
40
60
80
100
0
1
23
4
5
DC CURRENT(A)
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
0
1
23
4
5
DC CURRENT(A)
0
12
24
36
48
60
0
14
28
42
56
70
0
0.6
1.2
1.8
2.4
3
DC CURRENT(A)
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
DC CURRENT(A)
0
1
2
3
4
5
0
14
28
42
56
70
0
5
10
15
20
DC CURRENT(A)
0
1.5
3
4.5
6
0
10
20
30
40
50
60
70
80
0
3.6
7.2
10.8
14.4
18
DC CURRENT(A)
0
1.5
3
4.5
6
0
30
60
90
120
150
PCHC1004H-2R5M
PCHC1004H-3R3M
PCHC1004H-4R0M
PCHC1004H-4R7M
PCHC1004H-5R6M
PCHC1004H-6R8M
PCHC1004H-8R2M
PCHC1004H-100M
PCHC1004H-150M
PCHC1004H-220M
PCHC1004H-270M
PCHC1004H-330M
PCHC1004H-470M
PCHC1004H-680M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com