Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1470B Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1470B
Description  High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1470B Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1470B Datasheet HTML 9Page - Monolithic Power Systems MP1470B Datasheet HTML 10Page - Monolithic Power Systems MP1470B Datasheet HTML 11Page - Monolithic Power Systems MP1470B Datasheet HTML 12Page - Monolithic Power Systems MP1470B Datasheet HTML 13Page - Monolithic Power Systems MP1470B Datasheet HTML 14Page - Monolithic Power Systems MP1470B Datasheet HTML 15Page - Monolithic Power Systems MP1470B Datasheet HTML 16Page - Monolithic Power Systems MP1470B Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP1470B – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1470B Rev. 1.0
www.MonolithicPower.com
13
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage. Also, the feedback resistor (R1) sets
the feedback loop bandwidth through the
internal compensation capacitor (see the
Typical Application circuits). Refer to Table 1 to
choose R1 and R2 using Equation (1):
OUT
R1
R2
V
1
0.8V
=
−
(1)
Use a T-type network (see Figure 4).
Figure 4: T-Type Network
Table 1 lists the recommended T-type resistor
values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt (kΩ)
1.05
10 (1%)
32.4 (1%) 300 (1%)
1.2
20.5 (1%) 41.2 (1%) 249 (1%)
1.8
40.2 (1%) 32.4 (1%) 120 (1%)
2.5
40.2 (1%) 19.1 (1%) 100 (1%)
3.3
40.2 (1%)
13 (1%)
75 (1%)
5
40.2 (1%) 7.68 (1%) 75 (1%)
Selecting the Inductor
Use a 1µH to 10µH inductor with a DC current
rating at least 25% higher than the maximum
load current for most applications. For highest
efficiency, select an inductor with a DC
resistance less than 15mΩ. For most designs,
derive the inductance value from Equation (2):
OUT
IN
OUT
1
IN
L
OSC
V
(VV
)
L
VI
f
×−
=
×Δ ×
(2)
Where ΔIL is the inductor ripple current. Choose
an inductor current approximately 30% of the
maximum load current. The maximum inductor
peak current is calculated with Equation (3):
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
(3)
Under light-load conditions (below 100mA), use
a larger inductor to improve efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to both supply the AC current to the
step-down converter and maintain the DC input
voltage. For best performance, use low ESR
capacitors, such as ceramic capacitors with
X5R or X7R dielectrics, and small temperature
coefficients. A 22µF capacitor is sufficient for
most applications.
The input capacitor (C1) requires an adequate
ripple-current rating because it absorbs the
input switching. Estimate the RMS current in
the input capacitor with Equation (4):
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(4)
The worst-case condition occurs at VIN = 2VOUT,
as shown in Equation (5):
2
I
I
LOAD
1
C =
(5)
For simplification, choose an input capacitor
with an RMS current rating greater than half the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. Place a small, high-quality ceramic
capacitor (0.1μF) as close to the IC as possible
when using electrolytic or tantalum capacitors.
When using ceramic capacitors, make sure that
they have enough capacitance to provide
sufficient charge to prevent excessive input
voltage ripple. Estimate the input voltage ripple
caused by the capacitance with Equation (6):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
(6)
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com