Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC1004H-R45M Datasheet(PDF) 2 Page - Allied Components International

Part # PCHC1004H-R45M
Description  Power Choke High Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC1004H-R45M Datasheet(HTML) 2 Page - Allied Components International

  PCHC1004H-R45M Datasheet HTML 1Page - Allied Components International PCHC1004H-R45M Datasheet HTML 2Page - Allied Components International PCHC1004H-R45M Datasheet HTML 3Page - Allied Components International PCHC1004H-R45M Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCHC1004H-R15M
Power Choke High Current
PCHC1004H
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/23/2017
PAGE 2 OF 4
0
15
30
45
60
75
DC CURRENT(A)
0
0.06
0.12
0.18
0.24
0.3
0
20
40
60
80
100
0
15
30
45
60
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
70
80
90
100
0
12
24
36
48
60
DC CURRENT(A)
0
0.08
0.16
0.24
0.32
0.4
0
20
40
60
80
0
12
24
36
48
60
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
0
14
28
42
56
70
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
0
15
30
45
60
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
0
15
30
45
60
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
0
9
18
27
36
45
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
0
9
18
27
36
45
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90
100
0
8
16
24
32
40
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
70
80
0
7.8
15.6
23.4
31.2
39
DC CURRENT(A)
0
0.3
0.6
0.9
1.2
1.5
0
20
40
60
80
100
0
9
18
27
36
DC CURRENT(A)
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
90
100
0
6.6
13.2
19.8
26.4
33
DC CURRENT(A)
0
0.5
1
1.5
2
0
30
60
90
120
150
0
6.6
13.2
19.8
26.4
33
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
30
60
90
120
150
0
6.75
13.5
20.25
27
DC CURRENT(A)
0
1
2
3
4
0
10
20
30
40
50
60
70
80
PCHC1004H-R22M
PCHC1004H-R27M
PCHC1004H-R30M
PCHC1004H-R33M
PCHC1004H-R36M
PCHC1004H-R39M
PCHC1004H-R45M
PCHC1004H-R47M
PCHC1004H-R56M
PCHC1004H-R68M
PCHC1004H-1R0M
PCHC1004H-1R2M
PCHC1004H-1R5M
PCHC1004H-2R2M
Typical Performance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com