Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHP54NF Datasheet(PDF) 2 Page - Allied Components International

Part # PCHP54NF
Description  SMD SHIELDED POWER CHIP INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHP54NF Datasheet(HTML) 2 Page - Allied Components International

  PCHP54NF Datasheet HTML 1Page - Allied Components International PCHP54NF Datasheet HTML 2Page - Allied Components International PCHP54NF Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/11/2017
PCHP54NF
Typical Performance Curves
0
1.6
3.2
4.8
6.4
8
DC CURRENT(A)
0
0.3
0.6
0.9
1.2
1.5
0
14
28
42
56
70
PCHP54NF-1R0
0
1.4
2.8
4.2
5.6
7
DC CURRENT(A)
0
0.5
1
1.5
2
2.5
0
15
30
45
60
75
PCHP54NF-1R5
0
1.2
2.4
3.6
4.8
6
DC CURRENT(A)
0
0.7
1.4
2.1
2.8
3.5
0
15
30
45
60
75
PCHP54NF-2R2
0
1
2
3
4
5
DC CURRENT(A)
0
1
2
3
4
5
0
14
28
42
56
70
PCHP54NF-3R3
0
0.9
1.8
2.7
3.6
4.5
DC CURRENT(A)
0
1.6
3.2
4.8
6.4
8
0
12
24
36
48
60
PCHP54NF-4R7
0
0.8
1.6
2.4
3.2
4
DC CURRENT(A)
0
2
4
6
8
10
0
10
20
30
40
50
PCHP54NF-6R8
0
0.6
1.2
1.8
2.4
3
DC CURRENT(A)
0
3
6
9
12
15
0
13
26
39
52
65
PCHP54NF-100
0
0.5
1
1.5
2
2.5
DC CURRENT(A)
0
5
10
15
20
25
0
12
24
36
48
60
PCHP54NF-150
0
0.4
0.8
1.2
1.6
2
DC CURRENT(A)
0
7
14
21
28
35
0
13
26
39
52
65
PCHP54NF-220
0
0.3
0.6
0.9
1.2
1.5
DC CURRENT(A)
0
10
20
30
40
50
0
12
24
36
48
60
PCHP54NF-330
0
0.26
0.52
0.78
1.04
1.3
DC CURRENT(A)
0
16
32
48
64
80
0
12
24
36
48
60
PCHP54NF-470
0
0.24
0.48
0.72
0.96
1.2
DC CURRENT(A)
0
20
40
60
80
100
0
10
20
30
40
50
PCHP54NF-680
0
0.2
0.4
0.6
0.8
1
DC CURRENT(A)
0
30
60
90
120
150
0
10
20
30
40
50
PCHP54NF-101



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com