Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC1265HP-R68M Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC1265HP-R68M
Description  Power Choke High Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC1265HP-R68M Datasheet(HTML) 1 Page - Allied Components International

  PCHC1265HP-R68M Datasheet HTML 1Page - Allied Components International PCHC1265HP-R68M Datasheet HTML 2Page - Allied Components International PCHC1265HP-R68M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Choke High Current
PCHC1265HP
15
DCR
(mΩ)
Typ. (Max)
Isat
(A)
Typ.
Allied
Part
Number
Inductance
(µH)
±20% @ 0A
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
09/14/2016
Irms
(A)
Typ.
Features
• Magnetically shielded construction
• Expanded operating temp range
Electrical
Inductance Range: 0.15µH to 100µH
Tolerance: ±20% Across entire series
Operating Temp: -40ºC to +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat: 150ºC, 1 minute.
Physical
Packaging: 500 pieces per 13 inch reel.
• High saturation current up to 118A
Resistance to Soldering Heat
Solder Composition: Sn96.5% Ag3% Cu0.5%
Solder Temp: 245ºC ± 5ºC
DCR: CH16502, Agilent 33420A Mirco-Ohmmeter
Marking: EIA Inductance Code/ Date Code
Irms: Current at which
with out core loss.
Isat: Current at which Inductance drop is
appoximately 20%. The part temperature
(ambient + temp rise) should not exceed 125°C
under worst case operating conditions.
Test Frequency: 100KHz, 1V
• Low DCR
• Suitable for pick and place
∆
T=40ºC temp rise
Immersion Time: 4 sec. ± 1 sec.
IDC: 3260B WK & DC Bias 3265B WK
0.49 (0.60)
0.47 (0.60)
0.60 (0.72)
0.65 (0.80)
0.70 (0.90)
0.70 (1.00)
0.90 (1.20)
0.90 (1.20)
0.92 (1.25)
1.05 (1.20)
1.25 (1.50)
1.50 (1.90)
1.70 (2.30)
1.90 (2.40)
2.10 (2.60)
2.50 (3.00)
3.60 (4.00)
3.80 (4.20)
4.30 (5.50)
5.70 (6.80)
7.00 (8.40)
8.50 (10.0)
9.50 (11.5)
10.0 (12.3)
12.0 (15.5)
13.2 (16.5)
16.0 (20.0)
21.0 (24.0)
23.2 (28.0)
32.5 (37.0)
40.0 (47.0)
48.0 (58.0)
76.0 (90.0)
145 (165)
118
112
72.0
68.0
66.0
64.0
63.0
63.0
60.0
58.0
55.0
50.0
48.0
47.0
46.0
45.0
40.0
37.0
32.0
30.0
28.0
23.0
18.0
17.7
16.0
15.5
14.0
13.0
12.5
12.0
11.5
11.0
9.50
5.50
55.0
53.0
57.0
46.0
45.0
44.0
42.0
41.0
40.0
37.0
35.0
33.0
30.0
28.0
27.0
27.0
24.0
22.0
20.0
18.0
13.5
12.5
11.5
11.2
10.5
10.0
9.50
9.00
9.00
9.00
8.50
8.00
6.50
4.20
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Non-Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Lead
Frame
Type
• Series is RoHS Compliant
PAGE 1 OF 3
Dimensions: Inches
(mm)
Lead Frame
A
C
330
A`
1626
D
A
B
C
E
1R5
A`
1626
D
Non-Lead Frame
PCHC1265HP-R15M
PCHC1265HP-R22M
PCHC1265HP-R30M
PCHC1265HP-R33M
PCHC1265HP-R36M
PCHC1265HP-R40M
PCHC1265HP-R45M
PCHC1265HP-R47M
PCHC1265HP-R50M
PCHC1265HP-R56M
PCHC1265HP-R68M
PCHC1265HP-R82M
PCHC1265HP-1R0M
PCHC1265HP-1R2M
PCHC1265HP-1R4M
PCHC1265HP-1R5M
PCHC1265HP-1R8M
PCHC1265HP-2R2M
PCHC1265HP-2R7M
PCHC1265HP-3R3M
PCHC1265HP-4R7M
PCHC1265HP-5R6M
PCHC1265HP-6R8M
PCHC1265HP-7R0M
PCHC1265HP-8R2M
PCHC1265HP-100M
PCHC1265HP-120M
PCHC1265HP-130M
PCHC1265HP-150M
PCHC1265HP-220M
PCHC1265HP-250M
PCHC1265HP-330M
PCHC1265HP-470M
PCHC1265HP-101M
0.15
0.22
0.30
0.33
0.36
0.40
0.45
0.47
0.50
0.56
0.68
0.82
1.00
1.20
1.40
1.50
1.80
2.20
2.70
3.30
4.70
5.60
6.80
7.00
8.20
10.0
12.0
13.0
15.0
22.0
25.0
33.0
47.0
100
Type
A
A'
B
C
D
E
Lead Frame
Non-Lead Frame
0.514±0.02
13.5±0.5
0.492±0.01
12.5±0.3
0.492±0.01
12.5±0.3
0.244±0.01
6.2±0.3
0.091±0.01
2.3±0.3
0.185±0.01
4.7±0.3
L
G
H
Note: 1. The above PCB layout is reference only.
2. Recommend solder paste thickness
at 0.15mm and above.
L
G
0.559
14.2
0.167
5.0
0.315
8.0


Similar Part No. - PCHC1265HP-R68M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC123H ALLIED-PCHC123H Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-100M-RC ALLIED-PCHC123H-100M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R0M-RC ALLIED-PCHC123H-1R0M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R5M-RC ALLIED-PCHC123H-1R5M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-2R2M-RC ALLIED-PCHC123H-2R2M-RC Datasheet
344Kb / 1P
Power Choke High Current
More results

Similar Description - PCHC1265HP-R68M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
Power Choke High Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com