Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIA49 Datasheet(PDF) 1 Page - Allied Components International

Part # PCIA49
Description  SMD SHIELDED POWER CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCIA49 Datasheet(HTML) 1 Page - Allied Components International

  PCIA49 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
5
DCR
(Ω)
Allied
Part
Number
Inductance
(µH)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Revised 10/31/2016
Khz, 0.25V
Features
• Magnetically Shielded Construction
Electrical
Test Equipment
Physical
Packaging: 2500 per Reel
• High Current
Inductance Range: 1.0µh ~ 100µh (other
Tolerance: Available in N=30%, M=20%
Operating Temp: -40ºC ~ 125ºC
Rated DC Current: Current at which the
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4284A LCR meter
(DCR): MilliOhm Meter
Marking: EIA Inductance Code
PCIA49
Irms
(A)
Irms: Based on a temp rise of T = 40ºC
Solder Composition: Sn/Ag3.0/Cu0.5
values being added)
∆
typical at 25ºC Ambient.
±30%
Max.
• Low DC Resistence
All specifications subject to change without notice.
Inductance will drop by no more than
30% of its initial value.
.157±.008
(4.0±0.2)
.157±.008
(4.0±0.2)
.118 Max
(3.0 Max)
.037±.008
.037±.008
(.95±0.2)
(.95±0.2)
.13±.008
(3.3±0.2)
.082±.008
(2.1±0.2)
*Insert desired letter for tolerance: N=30%, M=20%
*
M,N
Isat
(A)
Max.
Dimensions:
Inches
(mm)
PCIA49-1R0N-RC
N
100
.014
.020
.030
.040
.060
.090
.100
.190
.225
.330
.445
.868
1.060
1.150
5.26
4.84
4.50
3.30
2.90
2.75
1.95
1.65
1.30
1.10
0.95
0.72
0.66
0.60
1.0
PCIA49-1R5N-RC
N
100
1.5
PCIA49-2R2_ -RC
100
2.2
PCIA49-3R3N-RC
N
100
3.3
PCIA49-4R7_ -RC
100
4.7
PCIA49-6R8_ -RC
M,N
100
6.8
PCIA49-100_ -RC
M,N
1
10
PCIA49-150_ -RC
M,N
1
15
PCIA49-220_ -RC
M,N
1
22
PCIA49-330_ -RC
M,N
1
33
PCIA49-470_ -RC
M,N
1
47
PCIA49-680_ -RC
M,N
1
68
PCIA49-820_ -RC
M,N
1
82
PCIA49-101_ -RC
M,N
1
100
M,N
4.15
3.34
2.95
2.40
2.00
1.60
1.50
1.11
1.00
0.84
0.72
0.52
0.47
0.45


Similar Part No. - PCIA49

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCIA47 ALLIED-PCIA47 Datasheet
617Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCIA47-100M-RC ALLIED-PCIA47-100M-RC Datasheet
617Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCIA47-150M-RC ALLIED-PCIA47-150M-RC Datasheet
617Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCIA47-1R0M-RC ALLIED-PCIA47-1R0M-RC Datasheet
617Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCIA47-1R5M-RC ALLIED-PCIA47-1R5M-RC Datasheet
617Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCIA49

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
SMD Shielded Power Chip Inductor
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com