Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1471A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1471A
Description  High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1471A Datasheet HTML 9Page - Monolithic Power Systems MP1471A Datasheet HTML 10Page - Monolithic Power Systems MP1471A Datasheet HTML 11Page - Monolithic Power Systems MP1471A Datasheet HTML 12Page - Monolithic Power Systems MP1471A Datasheet HTML 13Page - Monolithic Power Systems MP1471A Datasheet HTML 14Page - Monolithic Power Systems MP1471A Datasheet HTML 15Page - Monolithic Power Systems MP1471A Datasheet HTML 16Page - Monolithic Power Systems MP1471A Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP1471A
– SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1471A Rev. 1.0
www.MonolithicPower.com
13
8/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) of the output
capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and causes most of the output
voltage ripple. For simplification, estimate the
output voltage ripple with:
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1471A can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap (BST) diode can enhance
the
efficiency
of
the
regulator
given
the
following applicable conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
Connect the external BST diode from the output
of voltage regulator to the BST pin, as shown in
Figure 7.
Figure 7 : Optional External Bootstrap Diode
For most applications, use an IN4148 for the
external BST diode is IN4148, and a 1µF
capacitor for the BST capacitor.
PC Board Layout
PCB layout is very important to achieve stable
operation. For best results, use the following
guidelines and Figure 8 as reference.
1) Keep the connection between the input
ground and GND pin as short and wide as
possible.
2) Keep the connection between the input
capacitor and IN pin as short and wide as
possible.
3) Use short and direct feedback connections.
Place the feedback resistors and compensation
components as close to the chip as possible.
4) Route SW away from sensitive analog areas
such as FB.
Figure 8: Sample Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com