Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1496S Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1496S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1496S Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1496S Datasheet HTML 7Page - Monolithic Power Systems MP1496S Datasheet HTML 8Page - Monolithic Power Systems MP1496S Datasheet HTML 9Page - Monolithic Power Systems MP1496S Datasheet HTML 10Page - Monolithic Power Systems MP1496S Datasheet HTML 11Page - Monolithic Power Systems MP1496S Datasheet HTML 12Page - Monolithic Power Systems MP1496S Datasheet HTML 13Page - Monolithic Power Systems MP1496S Datasheet HTML 14Page - Monolithic Power Systems MP1496S Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP1496S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1496S Rev.1.1
www.MonolithicPower.com
12
3/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low
ESR electrolytic capacitors. For best results,
use low-ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value, and RESR is the
ESR value of the output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and causes most of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
∆V1
V
8f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1496S can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode can improve the
regulator
efficiency,
given
the
following
applicable conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, use an external BST diode from
the VCC pin to BST pin, as shown in Figure 5.
SW
BST
MP1496S
C
L
BST
COUT
External BST Diode
VCC
IN4148
Figure 5: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST capacitor value is 0.1µF
to 1μF.
PC Board Layout (9)
PCB layout is very important to achieve stable
operation especially for VCC capacitor and
input capacitor placement. For best results,
follow these guidelines:
1) Use large ground plane directly connect to
GND pin. Add vias near the GND pin if bottom
layer is ground plane.
2) Place the VCC capacitor to VCC pin and
GND pin as close as possible. Make the trace
length of VCC pin-VCC capacitor anode-VCC
capacitor cathode-chip GND pin as short as
possible.
3) Place the ceramic input capacitor close to IN
and GND pins. Keep the connection of input
capacitor and IN pin as short and wide as
possible.
4) Route SW, BST away from sensitive analog
areas such as FB. It’s not recommended to
route SW, BST trace under chip’s bottom side.
5) Place the T-type feedback resistor R9 close
to chip to ensure the trace which connects to
FB pin as short as possible
Notes:
9) The recommended layout is based on the Figure 6 Typical
Application circuit on the last page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com