Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1601A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1601A
Description  1A Synchronous Step-down Converter with Forced CCM Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1601A Datasheet HTML 8Page - Monolithic Power Systems MP1601A Datasheet HTML 9Page - Monolithic Power Systems MP1601A Datasheet HTML 10Page - Monolithic Power Systems MP1601A Datasheet HTML 11Page - Monolithic Power Systems MP1601A Datasheet HTML 12Page - Monolithic Power Systems MP1601A Datasheet HTML 13Page - Monolithic Power Systems MP1601A Datasheet HTML 14Page - Monolithic Power Systems MP1601A Datasheet HTML 15Page - Monolithic Power Systems MP1601A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP1601A – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER IN A SOT563
MP1601A Rev. 1.0
www.MonolithicPower.com
12
9/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
BLOCK DIAGRAM
Main
Switch
(PCH)
Synchronous
Rectifier
(NCH)
Constant
On -Time
Pulse
PWM
Bias
&
Voltage
Reference
0.6V
EN
FB
SW
VIN
+
+
-
FBCOMP
EN
Driver
PDRV
NDRV
Soft Start
GND
OUT
PWM
E.A.
+
-
+
Ramp
Generator
COMP
+
-
VOUT
RST
SW
Lo-Iq
Lo-Iq
Lo-Iq
Lo-Iq
VTH
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com