Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM802L Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM802L
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM802L Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM802L Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM802L Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Pin Configuration
1
2
3
4
5
6
7
8
VOUT
VCC
GND
PFI
VBATT
RESET (RESET)
WDI
PFO
Plastic/CerDip/SO
ASM690A
ASM692A
ASM802L
ASM802M
(ASM805L)
Pin Description
Pin Number
Name
Function
ASM690A /
ASM692A
ASM802L /
ASM802M
ASM805L
11
VOUT
Voltage supply for RAM. When VCC is above the reset threshold, VOUT connects to
VCC through a P-Channel MOS device. If VCC falls below the reset threshold, this
output will be connected to the backup supply at VBATT (or VCC, whichever is
higher) through the MOS switch to provide continuous power to the CMOS RAM.
22
VCC
+5V power supply input.
3
3
GND
Ground
44
PFI
Power failure monitor input. PFI is connected to the internal power fail comparator
which is referenced to 1.25V. The power fail output (PFO) is active LOW but
remains HIGH if PFI is above 1.25V. If this feature is unused, the PFI pin should be
connected to GND or VOUT.
55
PFO
Power-fail output. PFO is active LOW whenever the PFI pin is less than 1.25V.
66
WDI
Watchdog input. The WDI input monitors microprocessor activity. An internal timer
is reset with each transition of the WDI input. If the WDI is held HIGH or LOW for
longer than the watchdog timeout period, typically 1.6 seconds, RESET (or RESET)
is asserted for the reset pulse width time, tRS, of 140ms, minimum.
7
-
RESET
Active-LOW reset output. When triggered by VCC falling below the reset threshold
or by watchdog timer timeout, RESET (or RESET) pulses low for the reset pulse
width tRS, typically 200ms. It will remain low if VCC is below the reset threshold
(4.65V in ASM690A / ASM802L and 4.4V in the ASM692A / ASM802L) and
remains low for 200ms after VCC rises above the reset threshold.
-
7
RESET
Active-HIGH reset output. The inverse of RESET.
88
VBATT
Auxiliary power or backup-battery input. VBATT should be connected to GND if the
function is not used. The input has about 40mV of hysteresis to prevent rapid tog-
gling between VCC and VBATT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com