Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR092 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 17Page - ATMEL Corporation ATAR092 Datasheet HTML 18Page - ATMEL Corporation ATAR092 Datasheet HTML 19Page - ATMEL Corporation ATAR092 Datasheet HTML 20Page - ATMEL Corporation ATAR092 Datasheet HTML 21Page - ATMEL Corporation ATAR092 Datasheet HTML 22Page - ATMEL Corporation ATAR092 Datasheet HTML 23Page - ATMEL Corporation ATAR092 Datasheet HTML 24Page - ATMEL Corporation ATAR092 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
21
ATAR092/ATAR892
4535C–4BMCU–02/04
Table 10.
Peripheral Addresses
Port Address
Name
Write/Read
Reset Value
Register Function
Module
Type
See
Page
1
P1DAT
W/R
1xx1b
Port 1 - data register/input data
M3
22
2
P2DAT
W/R
1111b
Port 2 - data register/pin data
M2
24
Auxiliary
P2CR
W
1111b
Port 2 - control register
24
3
SC
W
1x11b
System configuration register
M3
18
CWD
R
xxxxb
Watchdog reset
M3
11
Auxiliary
CM
W
1111b
Clock management register
M2
17
4
P4DAT
W/R
1111b
Port 4 - data register/pin data
M2
27
Auxiliary
P4CR
W
1111 1111b
Port 4 - control register (byte)
27
5
P5DAT
W/R
1111b
Port 5 - data register/pin data
M2
26
Auxiliary
P5CR
W
1111 1111b
Port 5 - control register (byte)
26
6
P6DAT
W/R
1xx1b
Port 6 - data register/pin data
M2
28
Auxiliary
P6CR
W
1111b
Port 6 - control register (byte)
28
7
T12SUB
W
–
Data to Timer 1/2 subport
M1
20
Subport address
0
T2C
W
0000b
Timer 2 control register
M1
40
1
T2M1
W
1111b
Timer 2 mode register 1
M1
40
2
T2M2
W
1111b
Timer 2 mode register 2
M1
42
3
T2CM
W
0000b
Timer 2 compare mode register
M1
42
4
T2CO1
W
1111b
Timer 2 compare register 1
M1
43
5
T2CO2
W
1111 1111b
Timer 2 compare register 2 (byte)
M1
43
6–
–
–
Reserved
7–
–
–
Reserved
8
T1C1
W
1111b
Timer 1 control register 1
M1
31
9
T1C2
W
x111b
Timer 1 control register 2
M1
32
A
WDC
W
1111b
Watchdog control register
M1
32
B-F
Reserved
8
ASW
W
1111b
Auxiliary/switch register
ASW
20
9
STB
W
xxxx xxxxb
Serial transmit buffer (byte)
M2
67
SRB
R
xxxx xxxxb
Serial receive buffer (byte)
67
Auxiliary
SIC1
W
1111b
Serial interface control register 1
65
A
SISC
W/R
1x11b
Serial interface status/control register
M2
66
Auxiliary
SIC2
W
1111b
Serial interface control register 2
65
B
T3SUB
W/R
–
Data to/from Timer 3 subport
M1
20
Subport address
0
T3M
W
1111b
Timer 3 mode register
M1
52
1
T3CS
W
1111b
Timer 3 clock select register
M1
53
2
T3CM1
W
0000b
Timer 3 compare mode register 1
M1
54
3
T3CM2
W
0000b
Timer 3 compare mode register 2
M1
55
4
T3CO1
W
1111 1111b
Timer 3 compare register 1 (byte)
M1
55
4
T3CP
R
xxxx xxxxb
Timer 3 capture register (byte)
M1
56
5
T3CO2
W
1111 1111b
Timer 3 compare register 2 (byte)
M1
55
6-F
–
Reserved
C
T3C
W
0000b
Timer 3 control register
M3
53
T3ST
R
x000b
Timer 3 status register
M3
53
D
–
–
Reserved
E
–
–
Reserved
F
VMC
W
1111b
Voltage monitor control register
M3
12
VMST
R
xx11b
Voltage monitor status register
M3
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com