Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2122 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2122
Description  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2122 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2122 Datasheet HTML 1Page - Monolithic Power Systems MP2122 Datasheet HTML 2Page - Monolithic Power Systems MP2122 Datasheet HTML 3Page - Monolithic Power Systems MP2122 Datasheet HTML 4Page - Monolithic Power Systems MP2122 Datasheet HTML 5Page - Monolithic Power Systems MP2122 Datasheet HTML 6Page - Monolithic Power Systems MP2122 Datasheet HTML 7Page - Monolithic Power Systems MP2122 Datasheet HTML 8Page - Monolithic Power Systems MP2122 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP2122 –6V, 2A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP2122 Rev. 1.02
www.MonolithicPower.com
2
6/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2122GJ
TSOT23-8
See Below
* For Tape & Reel, add suffix –Z (e.g. MP2122GJ–Z);
TOP MARKING
AED: product code of MP2122GJ
Y: year code
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
FB2
SW2
EN1
EN2
FB1
SW1
GND
IN
TSOT23-8
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN..................................... 6.5V
VSW–0.3V (-3V for<10ns) to 6.5V (7.5V for<10ns)
All Other Pins.............................–0.3V to +6.5 V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Continuous Power Dissipation (TA = +25°C)
(2)
................................................................. 1.25W
Storage Temperature.............. –65
C to +150C
Recommended Operating Conditions
Supply Voltage VIN .............................2.7V to 6V
Output Voltage VOUT....................0.608V to 5.5V
Operating Junction Temp. ....... -40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-8 .....................................
100 ..... 55 °C/W
Notes:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com