Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2131GG Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2131GG
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131GG Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2131GG Datasheet HTML 8Page - Monolithic Power Systems MP2131GG Datasheet HTML 9Page - Monolithic Power Systems MP2131GG Datasheet HTML 10Page - Monolithic Power Systems MP2131GG Datasheet HTML 11Page - Monolithic Power Systems MP2131GG Datasheet HTML 12Page - Monolithic Power Systems MP2131GG Datasheet HTML 13Page - Monolithic Power Systems MP2131GG Datasheet HTML 14Page - Monolithic Power Systems MP2131GG Datasheet HTML 15Page - Monolithic Power Systems MP2131GG Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP2131 – 4 A, 5.5 V, 1.2 MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2131 Rev.1.0
www.MonolithicPower.com
13
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 cannot have too
large or too small a value considering the trade-
off between a dynamic circuit and stability in the
circuit. Choose R1 around 50 kΩ to 200 kΩ.
Choose a larger resistance to get lower leakage
or a smaller resistance to avoid noise. R2 is then
given using Equation (2):
out
R1
R2
V
1
0.6
=
−
(2)
The feedback circuit is shown in Figure 4.
Figure 4—Feedback network
Table 1 lists the recommended resistor values for
common output voltages.
Table 1—Resistor selection for common output
voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200(1%)
300(1%)
1.2
200(1%)
200(1%)
1.8
200(1%)
100(1%)
2.5
200(1%)
63.2(1%)
3.3
200(1%)
44.2(1%)
Selecting the Inductor
A 0.82 µH to 2.2 µH inductor is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
15 mΩ. For most designs, the inductance value
is derived from Equation (3).
OUT
IN
OUT
IN
L
S
V(V
V
)
L
VI
f
×−
=
×Δ ×
(3)
Where ΔIL is the inductor ripple current, and fS is
the switching frequency.
Choose an inductor current approximately 30
percent of the maximum load current. The
maximum inductor peak current is calculated
using Equation (4)
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 22 µF capacitor is sufficient.
For a higher output voltage, a 47 µF may be
needed for a more stable system.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated using Equation (5)
and Equation (6):
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
(6)
For simplification, choose an input capacitor with
a RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high-quality
ceramic
capacitor (i.e., 0.1 μF) should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure they have enough
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be
estimated
using
Equation
(7):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com