Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2143HGD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2143HGD
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143HGD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2143HGD Datasheet HTML 7Page - Monolithic Power Systems MP2143HGD Datasheet HTML 8Page - Monolithic Power Systems MP2143HGD Datasheet HTML 9Page - Monolithic Power Systems MP2143HGD Datasheet HTML 10Page - Monolithic Power Systems MP2143HGD Datasheet HTML 11Page - Monolithic Power Systems MP2143HGD Datasheet HTML 12Page - Monolithic Power Systems MP2143HGD Datasheet HTML 13Page - Monolithic Power Systems MP2143HGD Datasheet HTML 14Page - Monolithic Power Systems MP2143HGD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP2143H – 3A, 5.5V, 2.0MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2143H Rev. 1.02
www.MonolithicPower.com
13
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) maintains the output
DC voltage. Use ceramic capacitors. Low-ESR
capacitors keep the output voltage ripple low.
The output voltage ripple can be estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance of the output
capacitor.
Using ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification,
the output voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Recommendation of MP2143H
Proper layout of the switching power supplies is
very important, and sometimes critical for
proper operation. For high-frequency switching
converters, poor layout could lead to poor line
or load regulation and stability issues.
The high current paths (GND, VIN, and SW)
should be placed very close to the device using
short, direct, and wide traces. The input
capacitor needs to be as close as possible to
the VIN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switching node SW short and away
from the feedback network.
1
6
5
7
8
9
10
4
3
2
VOUT
SW
VIN
GND
GND
R1
R2
C1
C2
Top Layer
Bottom Layer
Figure 3: Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com